Electronic Components Datasheet Search
  English  ▼

X  

A7987TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button A7987TR Datasheet HTML 15Page - STMicroelectronics A7987TR Datasheet HTML 16Page - STMicroelectronics A7987TR Datasheet HTML 17Page - STMicroelectronics A7987TR Datasheet HTML 18Page - STMicroelectronics A7987TR Datasheet HTML 19Page - STMicroelectronics A7987TR Datasheet HTML 20Page - STMicroelectronics A7987TR Datasheet HTML 21Page - STMicroelectronics A7987TR Datasheet HTML 22Page - STMicroelectronics A7987TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Figure 12. Type II compensation - Bode plot
f Z1
f LC
f ZESR
f BW
f P1
E/A gain
G
LOOP,II
G
COMP,II
G
LC,II
6.4.2
Type III compensation network
If FzESR is higher than the target loop bandwidth, as usually happens if the output filter is based on MLCC ceramic
capacitors, a type III compensation network must be designed.
Figure 13. Type III compensation network
EA
ZF
RU
RD
COMP
VREF
V OUT
FB
CP
CF
RF
ZS
RS
CS
The type III compensation network transfer function, from VOUT to COMP, is computed in the equation below:
A7987
Compensation network
DS12928 - Rev 3
page 19/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com