Electronic Components Datasheet Search
  English  ▼

X  

BTB08 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BTB08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BTB08 Datasheet HTML 5Page - STMicroelectronics BTB08 Datasheet HTML 6Page - STMicroelectronics BTB08 Datasheet HTML 7Page - STMicroelectronics BTB08 Datasheet HTML 8Page - STMicroelectronics BTB08 Datasheet HTML 9Page - STMicroelectronics BTB08 Datasheet HTML 10Page - STMicroelectronics BTB08 Datasheet HTML 11Page - STMicroelectronics BTB08 Datasheet HTML 12Page - STMicroelectronics BTB08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Table 6. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.40
0.0858
0.0945
A1
0.90
1.10
0.0354
0.0433
A2
0.03
0.23
0.0012
0.0091
b
0.64
0.90
0.0252
0.354
b4
4.95
5.46
0.1949
0.2150
c
0.46
0.61
0.0181
0.0240
c2
0.46
0.60
0.0181
0.0236
D
5.97
6.22
0.2350
0.2449
D1
5.10
0.2008
E
6.35
6.73
0.2500
0.2650
E1
4.32
0.1701
e
2.29
0.0900
e1
4.57
0.1800
H
9.35
10.40
0.3681
0.4094
L
1.00
1.78
0.0394
0.0701
L2
1.27
0.0500
L4
0.60
1.02
0.0236
0.0402
V2
+8°
+8°
1. Dimensions in inches are given for reference only
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
Figure 14. DPAK recommended footprint (dimensions are in mm)
6.7
6.7
3.0
3.0
1.6
4.572
A
B
The device must be positioned within
0.05 AB
12.7
BTA08, BTB08, T810, T835, T850
DPAK package information
DS2114 - Rev 15
page 9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com