Electronic Components Datasheet Search
  English  ▼

X  

BTB08 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTB08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08 Datasheet(HTML) 2 Page - STMicroelectronics

  BTB08 Datasheet HTML 1Page - STMicroelectronics BTB08 Datasheet HTML 2Page - STMicroelectronics BTB08 Datasheet HTML 3Page - STMicroelectronics BTB08 Datasheet HTML 4Page - STMicroelectronics BTB08 Datasheet HTML 5Page - STMicroelectronics BTB08 Datasheet HTML 6Page - STMicroelectronics BTB08 Datasheet HTML 7Page - STMicroelectronics BTB08 Datasheet HTML 8Page - STMicroelectronics BTB08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tj = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (full sine wave)
IPAK, DPAK,TO-220AB, D²PAK Tc = 110 °C
8
A
TO-220AB Ins.
Tc = 100 °C
ITSM
Non repetitive surge peak on-state current (full
cycle, Tj initial = 25 °C)
f = 50 Hz
t = 20 ms
80
A
f = 60 Hz
tp = 16.7 ms
84
I2t
I2t value for fusing
tp = 10 ms
36
A2s
dl/dt
Critical rate of rise of on-state current IG = 2 x
IGT, tr ≤ 100 ns
f = 120 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV) Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified) Snubberless and logic level (3
quadrants)
Symbol
Parameter
Quadrant
T8
BTA08/BTB08
Unit
10
35
50
TW
SW
CW
BW
IGT (1)
VD = 12 V, RL = 30 Ω
I - II - III
Max.
10
35
50
5
10
35
50
mA
VGT
I - II - III
Max.
1.2
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C
I - II - III
Min.
0.2
V
IH (2)
IT = 100 mA
I - II - III
Max.
15
35
75
10
15
35
50
mA
IL
IG = 1.2 x IGT
I - III
Max.
25
50
70
10
25
50
70
mA
II
Max.
30
60
110
15
30
60
80
dV/dt (2)
VD = 67% VDRM, gate open, Tj = 125 °C
Max.
40
400 1000
20
40
400 1000
V/µs
(dl/dt)c (2)
(dV/dt)c = 0.1 V/µs, Tj = 125 °C
Min.
5.4
3.5
5.4
A/ms
(dV/dt)c = 10 V/µs, Tj = 125 °C
Min.
2.8
1.5
2.98
Without snubber, Tj = 125 °C
Min.
4.5
7
4.5
7
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
BTA08, BTB08, T810, T835, T850
Characteristics
DS2114 - Rev 15
page 2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com