Electronic Components Datasheet Search
  English  ▼

X  

BTB08 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTB08
Description  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08 Datasheet(HTML) 4 Page - STMicroelectronics

  BTB08 Datasheet HTML 1Page - STMicroelectronics BTB08 Datasheet HTML 2Page - STMicroelectronics BTB08 Datasheet HTML 3Page - STMicroelectronics BTB08 Datasheet HTML 4Page - STMicroelectronics BTB08 Datasheet HTML 5Page - STMicroelectronics BTB08 Datasheet HTML 6Page - STMicroelectronics BTB08 Datasheet HTML 7Page - STMicroelectronics BTB08 Datasheet HTML 8Page - STMicroelectronics BTB08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
P(W)
IT(RMS)(A)
Figure 2. RMS on-state current versus temperature (full
cycle)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
IT(RMS)(A)
Tc(°C)
BTB/T8
BTA
Figure 3. RMS on-state current versus ambient
temperature (full cycle)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IT(RMS)(A)
Tc(°C)
Printed circuit board FR4, copper thickness: 35 µm
D²PAK
(S = 1 cm²)
DPAK
(S = 0.5 cm²)
Figure 4. Relative variation of thermal impedance versus
pulse duration
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K = [Zth/Rth]
tp(s)
Zth(j-c)
DPAK/IPAK
Zth(j-a)
TO-220AB/D²PAK
Zth(j-a)
BTA08, BTB08, T810, T835, T850
Characteristics (curves)
DS2114 - Rev 15
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com