Electronic Components Datasheet Search
  English  ▼

X  

TDA8139D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8139D
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA8139D Datasheet HTML 2Page - STMicroelectronics TDA8139D Datasheet HTML 3Page - STMicroelectronics TDA8139D Datasheet HTML 4Page - STMicroelectronics TDA8139D Datasheet HTML 5Page - STMicroelectronics TDA8139D Datasheet HTML 6Page - STMicroelectronics TDA8139D Datasheet HTML 7Page - STMicroelectronics TDA8139D Datasheet HTML 8Page - STMicroelectronics TDA8139D Datasheet HTML 9Page - STMicroelectronics TDA8139D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Circuit description
TDA8139, TDA8139/D
6/14
3
Circuit description
The TDA8139 and the TDA8139/D are dual-voltage regulators with reset and disable
functions.
The two regulation parts are supplied from a single voltage reference circuit trimmed by
zener zapping during EWS testing. Since the supply voltage of this voltage reference is
connected to pin INPUT1 (VIN1), the second regulator will not work if pin INPUT1 is not
supplied.
The adjustable voltage of pin OUTPUT2 (VO2) is defined by output bridge resistors (R1, R2):
the values of these resistors are calculated to obtain, with the targetted value for VO2, the
reference voltage (VREF = 2.5 V) on the median point connected to pin PROGRAM.
The output stages have been realized using a Darlington configuration with a typical dropout
voltage of 1.2 V.
The disable circuit will switch off pin OUTPUT2 if a voltage less than 0.8 V is applied to pin
DISABLE.
The reset circuit checks the voltage at pin OUTPUT1. If this voltage drops below VO1 -
0.25 V (4.85 V Typ.), the "a" comparator (Figure 4) rapidly discharges capacitor Ce and the
reset output immediately switches to low. When the voltage at pin OUTPUT1 exceeds VO1 -
0.2 V (4.9 V Typ.), the external capacitor voltage (VCe) increases linearly to the reference
voltage (VREF = 2.5 V) corresponding to a reset pulse delay tRD as shown in Figure 5.
Afterwards, the reset output returns to high. To avoid glitches in the reset output, the second
comparator "b" has a large hysteresis (1.9 V).
Figure 4.
Reset diagram
t
RD
C
e
2.5V
×
10
μA
---------------------------
=
OUTPUT1
REG
VREF
-
+
50
a
+
-
Ce
VREF
0.6V
b
RESET
10 µA
3
VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com