Electronic Components Datasheet Search
  English  ▼

X  

TDA8139D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA8139D
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA8139D Datasheet HTML 6Page - STMicroelectronics TDA8139D Datasheet HTML 7Page - STMicroelectronics TDA8139D Datasheet HTML 8Page - STMicroelectronics TDA8139D Datasheet HTML 9Page - STMicroelectronics TDA8139D Datasheet HTML 10Page - STMicroelectronics TDA8139D Datasheet HTML 11Page - STMicroelectronics TDA8139D Datasheet HTML 12Page - STMicroelectronics TDA8139D Datasheet HTML 13Page - STMicroelectronics TDA8139D Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechnical data
TDA8139, TDA8139/D
12/14
6.1
Environmentally-friendly packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance.
ECOPACK specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14