Electronic Components Datasheet Search
  English  ▼

X  

TDA8139D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8139D
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8139D Datasheet HTML 1Page - STMicroelectronics TDA8139D Datasheet HTML 2Page - STMicroelectronics TDA8139D Datasheet HTML 3Page - STMicroelectronics TDA8139D Datasheet HTML 4Page - STMicroelectronics TDA8139D Datasheet HTML 5Page - STMicroelectronics TDA8139D Datasheet HTML 6Page - STMicroelectronics TDA8139D Datasheet HTML 7Page - STMicroelectronics TDA8139D Datasheet HTML 8Page - STMicroelectronics TDA8139D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2009
Rev 2
1/14
1
TDA8139, TDA8139/D
Double (5.1 V and adjustable) voltage regulator with
reset and disable functions
Features
■ Input voltage range: 7 V to 18 V
■ Output currents up to 750 mA
■ Fixed Precision output 1 voltage: 5.1 V ±2%
■ Adjustable output 2 voltage: 2.8 to 16 V
■ Output 1 with reset function
■ Output 2 with disable function by TTL input
■ Short-circuit protection at both outputs
■ Thermal protection
■ Low dropout voltage
Description
The TDA8139 and the TDA8139/D are monolithic
dual positive voltage regulators designed to
provide a fixed precision output voltage of 5.1 V
and an adjustable voltage between 2.8 and 16 V
for currents up to 750 mA.
An internal reset circuit generates a reset pulse
when the voltage of OUTPUT1 drops below the
regulated voltage value.
OUTPUT2 can be disabled via the TTL input.
Short-circuit and thermal protections are included
in all versions.
Figure 1.
TDA8139
Table 1.
Device summary
Order code
Packaging
TDA8139
Tray
TDA8139/D
Tray
SIP9 (plastic package)
DIP16 (8 + 8)
9
8
7
6
5
4
3
2
1
OUTPUT1
OUTPUT2
PROGRAM
RESET
GROUND
DISABLE
DELAY CAPACITOR
INPUT2
INPUT1
1
2
3
4
5
6
7
8
11
12
13
14
15
16
INPUT1
INPUT2
DELAY CAPACITOR
DISABLE
RESET
PROGRAM
OUTPUT2
OUTPUT1
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
10
9
Tab is connected to GROUND
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA8139D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
More results

Similar Description - TDA8139D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14