Electronic Components Datasheet Search
  English  ▼

X  

DPS422 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # DPS422
Description  Digital barometric pressure & temp sensor for portable and IOT devices
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS422 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button DPS422 Datasheet HTML 35Page - Infineon Technologies AG DPS422 Datasheet HTML 36Page - Infineon Technologies AG DPS422 Datasheet HTML 37Page - Infineon Technologies AG DPS422 Datasheet HTML 38Page - Infineon Technologies AG DPS422 Datasheet HTML 39Page - Infineon Technologies AG DPS422 Datasheet HTML 40Page - Infineon Technologies AG DPS422 Datasheet HTML 41Page - Infineon Technologies AG DPS422 Datasheet HTML 42Page - Infineon Technologies AG DPS422 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
10.12
WM_CFG
FIFO watermark level configuration register.
Address: 0x0B
Reset Value: 0x1F
Table 42
WM_CFG register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
Watermark level[4:0]
Table 43
WM_CFG bit fields
Bit Name
Bits
Type
Description
Watermark
level[4:0]
<4:0>
RW
Configures number of measurement results which must be in
the FIFO to trigger the FIFO watermark interrupt.
•
0x00 - Interrupt generated when FIFO contains 1 unread
measurement result.
•
0x1F - Interrupt generated when FIFO contains 32 unread
measurement results.
DPS422
Digital barometric pressure & temp sensor for portable and IOT devices
Register descriptions
Datasheet
39
2018-08-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com