Electronic Components Datasheet Search
  English  ▼

X  

DPS422 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # DPS422
Description  Digital barometric pressure & temp sensor for portable and IOT devices
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS422 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button DPS422 Datasheet HTML 36Page - Infineon Technologies AG DPS422 Datasheet HTML 37Page - Infineon Technologies AG DPS422 Datasheet HTML 38Page - Infineon Technologies AG DPS422 Datasheet HTML 39Page - Infineon Technologies AG DPS422 Datasheet HTML 40Page - Infineon Technologies AG DPS422 Datasheet HTML 41Page - Infineon Technologies AG DPS422 Datasheet HTML 42Page - Infineon Technologies AG DPS422 Datasheet HTML 43Page - Infineon Technologies AG DPS422 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
10.13
FIFO_STS
FIFO status register, reflecting FIFO fill and watermark status.
Address: 0x0C
Reset Value: 0x00
Table 44
FIFO_STS register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FIFO fill level[5:0]
FIFO Full /
WM
FIFO empty
Table 45
FIFO_STS bit fields
Bit Name
Bits
Type
Description
FIFO fill level[5:0]
<7:2>
R
This bit field contains the number of pressure and/or
temperature measurements currently stored in the
measurement results FIFO.
FIFO Full / WM
<1>
R
This bit is set when FIFO is full or when FIFO reaches watermark
level. Source depends on setting in WM_CFG register.
Note:
This bit is updated every 250 µs
FIFO empty
<0>
R
This bit is set when the FIFO is empty.
•
0 - FIFO currently contains data
•
1 - FIFO does not currently contain data
Note:
This bit is updated every 250 µs
DPS422
Digital barometric pressure & temp sensor for portable and IOT devices
Register descriptions
Datasheet
40
2018-08-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com