Electronic Components Datasheet Search
  English  ▼

X  

DPS422 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DPS422
Description  Digital barometric pressure & temp sensor for portable and IOT devices
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS422 Datasheet(HTML) 2 Page - Infineon Technologies AG

  DPS422 Datasheet HTML 1Page - Infineon Technologies AG DPS422 Datasheet HTML 2Page - Infineon Technologies AG DPS422 Datasheet HTML 3Page - Infineon Technologies AG DPS422 Datasheet HTML 4Page - Infineon Technologies AG DPS422 Datasheet HTML 5Page - Infineon Technologies AG DPS422 Datasheet HTML 6Page - Infineon Technologies AG DPS422 Datasheet HTML 7Page - Infineon Technologies AG DPS422 Datasheet HTML 8Page - Infineon Technologies AG DPS422 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22.
Definitions
An explanation of the terms and definitions used in this datasheet.
Table 1
DPS422 Defintions
Term
Definition/explanation
Absolute accuracy
The absolute measurement accuracy over the entire measurement
range.
Digital bit depth
The total bit depth used for conversion of the sensor input to the
digital output. Measured in bits.
Digital resolution
The pressure value represented by the LSB change in output. This
value should be much smaller than the sensor noise.
Full Scale Range (FSR)
The peak-to-peak measurement range of the sensor.
LSB
Least Significant Bit
Measurement time
The time required to acquire one sensor output result. This value
determines the maximum measurement rate.
MSB
Most Significant Bit
Non-linearity
The deviation of measured output from the best-fit straight line,
relative to 1000 hPa and 25 °C.
Output compensation
The process of applying an algorithm to the sensor output to improve
the absolute accuracy of the sensor across temperature and to
minimize unit to unit output variation. This algorithm makes use of
both the temperature sensor readings and the individual calibration
coefficients.
Precision (noise)
The smallest measurable change, expressed as rms, after sensor
oversampling.
Pressure temperature coefficient
The pressure measurement deviation, after compensation, from
expected measurement value due to temperature change from 25 °C.
Measured in Pa/K.
Sensor calibration
The process, during the production test, where the sensor's
measurement results are compared against reference values, and a set
of calibration coefficients are calculated from the deviation. The
coefficients are stored in the sensor's memory and are used in the
output compensation.
Sensor oversampling rate (OSR)
Specifies the number of sensor measurements used internally to
generate one sensor output result.
DPS422
Digital barometric pressure & temp sensor for portable and IOT devices
Product validation
Datasheet
2
2018-08-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com