Electronic Components Datasheet Search
  English  ▼

X  

233P Datasheet(PDF) 2 Page - Littelfuse

Part # 233P
Description  Single-Phase Pump Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

233P Datasheet(HTML) 2 Page - Littelfuse

  233P Datasheet HTML 1Page - Littelfuse 233P Datasheet HTML 2Page - Littelfuse 233P Datasheet HTML 3Page - Littelfuse 233P Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
Littelfuse.com/233P
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/30/2022
Motor and Pump Protection Relays
233P Series
Applications
• Pumps: submersible, centrifugal, circulating, cooling, environmental
• Waterwells: residential, commercial, irrigation
• Golf course systems
• Sprinkler systems
Specifications
Functional Characteristics
Adjustments/Settings:
Overcurrent
125% of calibration point
Underload (dry-well)
Adjustable (70 to 90% of calibrated run power)
Overvoltage
265VAC
Undervoltage
190VAC
Number of restarts allowed in
a 60-sec. period (rapid-cycling)
4
Trip Delay Times
Overcurrent
5 seconds
Dry-well
4 seconds
Restart Delay Times
Over/Undervoltage
2 seconds
All other faults
Manual, 2-225 Minutes
Input Characteristics
Supply Voltage
230VAC
Load Range
233P-1.5
1
⁄3 – 1.5 hp
233P
1
⁄3 – 3 hp
Frequency
50/60Hz (Note: 50Hz will increase all delay timers by 20%)
Output Characteristics
Output Contact Rating-SPST
233P-1.5
1.5 hp @ 240 V ac (10 amps max.)
233P
3 hp @ 240 V ac (17 amps max.)
General Characteristics
Operating Temperature
-40º to 55º C (-40º to 131º F)
Maximum Input Power
5 W
Wire Gauge
Solid or Stranded 10 - 22AWG
Terminal Torque
13 in.-lbs.
Dimensions
H 73.66 mm (2.9”); W 133.35 mm (5.25”); D 73.99 mm (2.913”)
Weight
14 oz.
Mounting Methods
#8 screws
Certification & Compliance
cULus
Listed UL508, C22.2 No. 14
Accessories
Informer
A hand-held diagnostic tool that uses an infrared receiver to access information which can be helpful for troubleshooting
the system.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com