Electronic Components Datasheet Search
  English  ▼

X  

233P Datasheet(PDF) 3 Page - Littelfuse

Part # 233P
Description  Single-Phase Pump Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

233P Datasheet(HTML) 3 Page - Littelfuse

  233P Datasheet HTML 1Page - Littelfuse 233P Datasheet HTML 2Page - Littelfuse 233P Datasheet HTML 3Page - Littelfuse 233P Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
Littelfuse.com/233P
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/30/2022
Motor and Pump Protection Relays
233P Series
Ordering Information
MODEL
LINE VOLTAGE
DESCRIPTION
233P
230 V ac
Load Range: 1⁄3 - 3 hp
233P-ENCL
230 V ac
233P with NEMA3R enclosure
233P-1.5
230 V ac
Load Range: 1⁄3 - 1.5 hp
233P-1.5-ENCL
230 V ac
233P-1.5 with NEMA3R enclosure
PART*
SIZE
CURRENT (A)
CT CURRENT RATIO
CT-0050-D10
5 - 7½ HP
27.5 - 42.1
50:5
CT-0075-D10
10 HP
51
75:5
CT-0100-D10
15 HP
75
100:5
* Current transformer sold separately
Dimensions Inches (mm)
111P / 233P / 235P DIMENSIONS
4.03" (102.36)
5.25" (133.35)
4.50" (114.30)
0.375"
(9.53)
2.90"
(73.66)
2.163"
(54.94)
2.913"
(73.99)
111P / 233P / 235P DIMENSIONS
4.03" (102.36)
5.25" (133.35)
4.50" (114.30)
0.375"
(9.53)
2.90"
(73.66)
2.163"
(54.94)
2.913"
(73.99)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com