Electronic Components Datasheet Search
  English  ▼

X  

233P Datasheet(PDF) 1 Page - Littelfuse

Part # 233P
Description  Single-Phase Pump Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

233P Datasheet(HTML) 1 Page - Littelfuse

  233P Datasheet HTML 1Page - Littelfuse 233P Datasheet HTML 2Page - Littelfuse 233P Datasheet HTML 3Page - Littelfuse 233P Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
Littelfuse.com/233P
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/30/2022
Motor and Pump Protection Relays
233P Series
Description
The Littelfuse models 111P (115 volt, 1⁄3 to 1hp); 233P-1.5 (230 volt, 1⁄3 to 1.5hp); and 233P (230 volt, 1⁄3 to 3hp) are single-
phase pump monitors used in a variety of applications to protect from dry-well, dead-head, jammed impeller, rapid-cycling,
overvoltage, and undervoltage conditions.
Operation
A calibration adjustment allows the unit to be calibrated to your specific pumping applications, which reduces the possibility
of false or nuisance tripping. A unique microcontroller-based voltage and current-sensing circuit constantly monitor the
incoming power for fluctuations, overcurrent, and undercurrent conditions. When an abnormality, such as loss of suction,
is detected, the product deactivates its output relay and directly disconnects the pump motor. The relay then begins its
user-selectable restart delay (dry-well recovery) timer. When the timer counts to zero or power is removed and reapplied,
the relay reactivates its output relay and turns the pump back on. The infrared LED communicates with a hand-held
diagnostics tool called the Informer* (sold separately). The Informer displays parameters including calibration points, trip
points, run time and last faults.
There are special considerations for pump cables larger than #10 AWG: In some cases where larger motors are installed
with deep-set pumps, pump cables are used that exceed the relay’s terminal size. In these conditions, a short splice of
#10 AWG or #12 AWG may be a solution at the control box. Note: All local, state, and national electric codes should be
followed when applying this solution.
Note: The description and operations apply to Littelfuse models 111P (115 V, 1⁄3 to 1 hp); 233P-1.5 (230 V, 1⁄3 to 1.5 hp); and 233P (230 V, 1⁄3 to 3 hp). These models have a sensitivity
adjustment for the dry-well trip point. After calibration is complete, you can adjust the sensitivity for the dry-well/dead-head trip point from 70-90 % of the full load. This makes the
unit even more adaptable to varying pumping applications. If you have a very low producing well, you increase the sensitivity closer to the 90 % mark, or if you have a very heavy
producing well, you should decrease the sensitivity around the 70 % mark.
*Informer: A hand-held diagnostic tool that uses an infrared receiver to access information that can be helpful for troubleshooting the system.
Features & Benefits
FEATURES
BENEFITS
Proprietary microcontroller-based circuitry
Constant monitoring of voltage, power factor, and current for reliable
pump protection
Onboard calibration process
Calibrates unit to your specific individual pumping application and
reduces nuisance tripping
Onboard sensitivity adjustment
User-adjustable sensitivity knob makes the unit more adaptable to
varying pumping applications
Single-Phase Pump Monitor


Similar Part No. - 233P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233 ETC1-233 Datasheet
36Kb / 1P
CHOPPER STABILIZED AMPLIFER
logo
Littelfuse
233 LITTELFUSE-233 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
CHOPPER STABILIZED AMPLIFIER
logo
3M Electronics
233 3M-233 Datasheet
37Kb / 3P
Scotch® Automotive Refinish Masking Tape 233
20-May-2008
logo
Belden Inc.
233 BELDEN-233 Datasheet
389Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 233P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
231-INSIDER-P LITTELFUSE-231-INSIDER-P Datasheet
375Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
232-INSIDER LITTELFUSE-232-INSIDER Datasheet
289Kb / 2P
Single-Phase Pump Monitor
2019 Rev: 2-C-042619
234-P LITTELFUSE-234-P Datasheet
223Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
235P LITTELFUSE-235P Datasheet
477Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
111P LITTELFUSE-111P Datasheet
473Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com