Electronic Components Datasheet Search
  English  ▼

X  

L320 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # L320
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L320 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  L320 Datasheet HTML 1Page - Nippon Pulse America, Inc. L320 Datasheet HTML 2Page - Nippon Pulse America, Inc. L320 Datasheet HTML 3Page - Nippon Pulse America, Inc. L320 Datasheet HTML 4Page - Nippon Pulse America, Inc. L320 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.nipponpulse.com
Note: Cable length 300mm. The bending radius of the
motor cable should be 31.8mm (wire diameter 5.3 * 6) as
suggested by the wire manufacturer. This radius should
be maintained. Use supplied connector to attach the
proper high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
Note: The bending radius of the
motor cable should be R31.8mm (wire
diameter 4.6 * 6) as suggested by the
wire manufacturer. This radius should
be maintained. Use supplied connector
to attach the proper high flex cable as
required by your application.
Hall Effect Specs
Wire Type
UL 758
Wire AWG
28
VCC
White/Red
GND
White/Black
Sensor 1
Orange/Red
Sensor 2
Orange/Black
Sensor 3
Gray/Red
The bending radius of the sensor cable
should be R27.6mm (wire diameter
5.3 * 6) as suggested by the wire
manufacturer. This radius should be
maintained. Attach the proper high flex
cable as required by your application.
Sensor Cable Specs
Receptacle Housing
HLR-03V
Plug Housing
HLP-03V
Retainer
HLS-03V
Pin Contact
SSM-21T-P1.4
Socket Contact
SSF-21T-P1.4
Connector (Motor Cable)
To be installed by the user.
L320D
L320T
L320Q
Forcer Specs
L320D
L320D-1S
L320T
L320T-1S
L320Q
L320Q-1S
L320Q-2S
Forcer Length (A)
160mm (6.3in)
220mm (8.7in)
280mm (11.0in)
Forcer Width
60mm (2.4in)
Forcer Screw Pitch (P)
140mm (5.5in)
200mm (7.9in)
260mm (10.2in)
Forcer Weight
1.3kg (2.9lbs)
1.9kg (4.2lbs)
2.6kg (5.7lbs)
2.4kg (5.3lbs)
Gap
2.5mm (0.1in)
Screw
M8
Tightening Torque
12.5 Nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com