Electronic Components Datasheet Search
  English  ▼

X  

L320 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # L320
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L320 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  L320 Datasheet HTML 1Page - Nippon Pulse America, Inc. L320 Datasheet HTML 2Page - Nippon Pulse America, Inc. L320 Datasheet HTML 3Page - Nippon Pulse America, Inc. L320 Datasheet HTML 4Page - Nippon Pulse America, Inc. L320 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4
The standard temperature difference between the coil and the forcer surface is 25°C.
L320
Linear Shaft Motor
Nippon Pulse
Your Partner in Motion Control
Visit nipponpulse.com to download 3D CAD drawings and 2D prints of this motor.
Is this the proper Linear Shaft Motor for your application? Use our SMART sizing program to assist in your decision.
This motor can be customized to fit your application demands; contact your application engineer for more information.
1
Based on a temp rise of coil surface of 110°K over 25°C ambient temperature stalled forcer, and no external cooling or heat sinking.
2
Can be maintained for a maximum of 40 seconds. Higher forces and current possible for short periods of time, contact Nippon Pulse for more information.
3
All winding parameters listed are measured line-to-line (phase-to-phase).
www.nipponpulse.com
Bus Voltage
L320D
L320T
L320Q
Electrical Specs
L320D
L320D-1S
L320T
L320T-1S
L320Q
L320Q-1S
L320Q-2S
Continuous Force1
55N (12.4lbs)
82N (18.4lbs)
109N (24.5lbs)
Continuous Current1
1.3Arms
2.5Arms
1.3Arms
3.8Arms
1.3Arms
5.0Arms
2.5Arms
Acceleration Force2
218N (49lbs)
327N (73.5lbs)
436N (98lbs)
Acceleration Current2
5.0Arms
10.0Arms
5.0Arms
15.0Arms
5.0Arms
20.0Arms
10.0Arms
Force Constant (K
f)
44N/amp
22N/amp
65N/amp
22N/amp
87N/amp
22N/amp
44N/amp
Back EMF (K
e)
15V/m/s
7.3V/m/s
22V/m/s
7.3V/m/s
29V/m/s
7.3V/m/s
15V/m/s
Resistance 25°C3
12
Ω
2.9
Ω
17
Ω
1.9
Ω
23
Ω
1.4
Ω
5.8
Ω
Inductance3
14mH
3.5mH
21mH
2.3mH
28mH
1.8mH
7.0mH
Electric Time Constant
1.22ms
1.22ms
1.22ms
Fundamental Motor Constant (K
m)
12.84N
√W
15.72N
√W
18.15N
√W
Magnetic Pitch (North-North)
120mm
120mm
120mm
L320D
L320T
L320Q
Thermal Specs
L320D
L320D-1S
L320T
L320T-1S
L320Q
L320Q-1S
L320Q-2S
Max Phase Temperature4
135°C (275°F)
Thermal Resistance (Coil) (K
q)
6.1°C/W
4.1°C/W
3.1°C/W
Part Numbering System
D: Double (2) windings
T: Triple (3) windings
Q: Quadruple (4) windings
100-2000mm
Blank: Standard
WP: Water Resistant
HA: Digital Hall Effect
CE: CE Type Motor
FG: Frame Ground
Blank: Standard
FO: Forcer Only
SO: Shaft Only
—
—
—
—
—
—
Shaft Size
Forcer Size (A)
Alt. Winding
Parallel Option
Usable Stroke (S)
Options
Options
L
X
XX
XX
XXXXst
XX
XX
Blank: Single Motor
PL: Parallel Motors
320
Blank: Standard
_S: Alternate
Winding
These motors have not received a CE Declaration of Conformity, and as such are designated FGA.


Similar Part No. - L320

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
L320DB12VC AMD-L320DB12VC Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
L320DB12VD AMD-L320DB12VD Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
L320DB12VF AMD-L320DB12VF Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
L320DB12VI AMD-L320DB12VI Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
L320DB12VV AMD-L320DB12VV Datasheet
1Mb / 57P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - L320

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L160 NPM-L160 Datasheet
814Kb / 5P
Linear Shaft Motor
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
L250XS NPM-L250XS Datasheet
997Kb / 4P
Linear Shaft Motor
L320XS NPM-L320XS Datasheet
839Kb / 4P
Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
Linear Shaft Motor
S040 NPM-S040 Datasheet
642Kb / 3P
Linear Shaft Motor
S120 NPM-S120 Datasheet
795Kb / 4P
Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
S320 NPM-S320 Datasheet
887Kb / 5P
Linear Shaft Motor
S605 NPM-S605 Datasheet
939Kb / 5P
Linear Shaft Motor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com