Electronic Components Datasheet Search
  English  ▼

X  

L320 Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # L320
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L320 Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  L320 Datasheet HTML 1Page - Nippon Pulse America, Inc. L320 Datasheet HTML 2Page - Nippon Pulse America, Inc. L320 Datasheet HTML 3Page - Nippon Pulse America, Inc. L320 Datasheet HTML 4Page - Nippon Pulse America, Inc. L320 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FG Type Motor Cable
CE Option - Lead Wire
Wire Type
UL 1330
Wire AWG
20
Frame Ground
Green/Yellow
www.nipponpulse.com
300mm lead wire bare leads. The
bending radius of the motor cable
should be 1.96mm as suggested
by the wire manufacturer. FG type
with insulating sheet between coils
and case. Meets all requirements of
EN60034-1 (1998).
Spec
L320T
L320Q
Forcer Spacing Distance
20mm
Pole (N/S) Distance
60mm
Forcer Length
220mm
280mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Tandem L320D forcers are possible, but are
equivalent to one (1) L320Q forcer and thus are
not listed above.
Shaft Diameter (D) - 32mm ±0.2
Stroke
Support Length (L2)
Max. Bending
0~750
50mm
0.00mm
751~1000
70mm
0.30mm
1001~1500
70mm
0.70mm
1501~max
100mm
0.70mm
Support and Bending
Total Length (L)=Stroke (S)+Forcer Length(A)+(Support Length (L2)x2)
Wire Type
UL 2464FA
Wire AWG
20
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare leads. The
bending radius of the motor cable
should be 31.8mm as suggested by the
wire manufacturer.
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.
THM Option
Thermocouple
Thermal sensor
Thermocouple K type (marked each phase name)
Attached to the surface of inside of coil
Length 3000mm
Ground Wire
Wire Type
UL 1330
Wire AWG
24
U Phase
Red
V Phase
White
W Phase
Black



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com