Electronic Components Datasheet Search
  English  ▼

X  

SDU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDU
Description  SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDU Datasheet HTML 1Page - List of Unclassifed Manufacturers SDU Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Uninterruptible Power Supplies
There are three individual hardware products when putting
an SDU DC UPS system into operation:
1. 24 Vdc Power Supply (Recommended SolaHD
SDN Series)
2. 24 Vdc SDU DC UPS Power Module
3. 24 Vdc SDU DC UPS Battery Module; or
24 Vdc SDU DC UPS External Battery Module
There are two models of the SDU DC UPS Power Module:
1. SDU 10-24, 24 Vdc/10 Amp (battery modules are
required)
2. SDU 20-24, 24 Vdc/20amp (battery modules
are required)
Selection Table
Catalog Number
Description
Approx. Ship Weight lbs (kg)
UPS
SDU 10-24
240 VA, 24 V/10 A DIN Rail DC UPS power module, battery module is required
1.7 (0.77)
SDU 20-24
480 VA, 24 V/20 A DIN Rail DC UPS power module, battery module is required
1.7 (0.77)
Battery
SDU 24-BAT
24 V DIN Rail/Panel Mount Battery Module (cable included)
12.0 (5.33)
SDU 24-BATEM
24 V External Mount Battery Module (cable included)
16.0 (7.11)
Accessories
SDU 24EXTBC6
Optional 6 ft. Battery Module cable to 24 V DC UPS
0.5 (0.22)
SDU 24-DB9
Optional interface kit to convert relay contacts signals to DB9 signals
1.0 (0.45)
SDU-PMBRK
Optional chassis mount brackets to secure UPS to wall, panel, or enclosure
0.5 (0.22)
There are two models * of the SDU DC UPS Battery
Modules:
1. SDU 24-BAT, DIN Rail/Panel mount for installation in
ventilated enclosure, up to 4 battery modules can be
connected to the SDU DC UPS.
2. SDU 24-BATEM, Panel mount, alternate battery module
for external installation of non-ventilated enclosures, only
1 battery module can be connected to the SDU DC UPS.
* Cannot use a combination of both models of the battery modules, only
one model of the battery module can be connected to the SDU DC UPS.
DIN Rail Mounted Battery Option
1) AC/DC Power Supply
2) Power Module: SDU 10-24 or SDU 20-24
3) Battery Module: SDU 24-BATEM
1) AC/DC Power Supply
2) Power Module: SDU 10-24 or SDU 20-24
3) Battery Module: SDU 24-BAT
4) Optional battery module for extended Back-up.
External Battery Option
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© December 2018
61



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com