Electronic Components Datasheet Search
  English  ▼

X  

SDU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDU
Description  SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDU Datasheet HTML 1Page - List of Unclassifed Manufacturers SDU Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Uninterruptible Power Supplies
Parameter
SDU 24-BAT
SDU 24-BATEM
Nominal Voltage
24 Vdc
Protection
Fuse: 30 A
Circuit Breaker: 24 V, 25 A
Charging Current
0.5 A
0.8 A
Enclosure
Dimension in. (mm)
4.88 x 8.27 x 4.55
(124.0 x 210.0 x 116.0)
11.5 x 5.57 x 4.57
(292.0 x 142.0 x 116.0)
Enclosure Type
IP20
NEMA 1
Terminal Connector Type
Polarized Powerpole Connectors
Batteries
Replaceable Batteries
Accessories
1 ft. polarized battery cable
6 ft. polarized battery cable
Operating Temperature
-20o to +50oC
Storage Temperature
-20o to +40oC
Humidity
95% no condensation
Weight - lbs (kg)
12.0 (5.33)
16.0 (7.11)
Mounting
Simple snap-on system for DIN Rail TS35/7.5 or TS35/15 or
chassis-mounted, optional screw mounting set SDU-PMBRK.
Wall/Chassis Mounting
SDU DC UPS Battery Module Specifications
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© December 2018
63



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com