Electronic Components Datasheet Search
  English  ▼

X  

SDU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDU
Description  SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDU Datasheet HTML 1Page - List of Unclassifed Manufacturers SDU Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Uninterruptible Power Supplies
Specification
SDU 10-24
SDU 20-24
Input
Nominal Input Voltage
24 Vdc
Input Voltage Range
22.5 - 30 Vdc
Input Fuse
DC Fuse 30 A
Output
Nominal Output Voltage
24 Vdc
Output Voltage Range
22.5 - 30 Vdc
Output Current
10 A
20 A
Current Limit
12 A
22 A
Protection
Input Protection
Fuse for overload & short circuit protection
Overload Protection
Electrical Circuit Protection
Short Circuit
UPS output cut off immediately
Battery Module
Type
Sealed, maintenance-free lead acid batteries.
Charging Current
0.5 A
Typical Recharge Time
(to 90% of full capacity)
8 Hours for 1 Battery Module
24 Hours for 2 Battery Module
12 Hours for each additional Battery Module
Back-up Time (full load) 1
14 minutes
4 minutes
Protection
UPS Shutdown when battery voltage drops below 22V, to prevent the complete depletion of the battery,
short circuit protection by a 30 A fuse.
Physical
Net Weight - lbs (kg)
1.7 (0.77)
Dimensions H x W x D - in. (mm)
4.88 x 3.02 x 4.55 (124.0 x 77.0 x 116.0)
Alarm
Battery Low
Rapid Audible Indicator every 1 second
Overload
Continuous Audible Indicator
Environment
Audible Noise
<40 dBA (1 meter from surface)
Power Module Operating Temperature
-20oC to +50oC
Storage Temperature
-20oC to +70oC
Humidity
0-95%
Max Elevation
3500 meters (11,483 feet)
Shock & Vibration
According to ISTA 2A
DC UPS System 2
EMC
FCC Part 15, Subpart B, Class A
Directive 2004/108/EC: EN 62040-2 Category C2 EN 55022 Class A + A1 + A2, CISPR 22 Class A (2005),
IEC 61000-3-2, IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5, IEC 61000-4-6 + A1,
IEC 61000-4-8, IEC 61000-2-2
General
MTBF
> 200,000 Hours, MIL-STD 217F
Installation
Output
Outputs are capable of providing high currents for short periods of time for inductive load start-up or switching.
Fusing may be required for wire/loads if 2x Nominal O/P current rating cannot be tolerated.
Continuous current overload allows for reliable fuse tripping
Mounting
Simple snap-on system for DIN Rail TS35/7.5 or TS35/15 or chassis-mounted, optional screw mounting set
SDU-PMBRK.
Connections
Input & Output: IP20-rated screw terminals, connector size range: 16-12 AWG (0.5-4 mm2)
for copper conductors rated 90o , Torque 4.3 lb-in. (0.49 Nm).
Relay Contact Terminal Connections
IP20 screw terminals; connector size range: 24-16 AWG (0.34-4mm2)
Case
Fully enclosed metal housing with ventilation grid to keep out small particles.
Free Space
20 mm above, 35 mm below, 20 mm left/right, 10 mm in front
Notes:
1. See Battery Back-up Times on next page.
2. DC UPS System includes one power module (SDU 10-24 or SDU 20-24) and one or more battery modules (SDU 24-BAT or SDU 24BATEM)
SDU DC UPS Power Modules Specifications
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© December 2018
62



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com