Electronic Components Datasheet Search
  English  ▼

X  

NJM072C Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 1 Page - New Japan Radio

  NJM072C Datasheet HTML 1Page - New Japan Radio NJM072C Datasheet HTML 2Page - New Japan Radio NJM072C Datasheet HTML 3Page - New Japan Radio NJM072C Datasheet HTML 4Page - New Japan Radio NJM072C Datasheet HTML 5Page - New Japan Radio NJM072C Datasheet HTML 6Page - New Japan Radio NJM072C Datasheet HTML 7Page - New Japan Radio NJM072C Datasheet HTML 8Page - New Japan Radio NJM072C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 1 -
Ver.5.0
www.njr.com
LOW NOISE, J-FET INPUT
OPERATIONAL AMPLIFIERS
FEATURES
●Wide Power Supply Range
±4 to ±18V
●Internal ESD Protection
Human Body Model (HBM) ±2000V typ.
●High Input Resistance
1012
Ω typ.
●Wide Temperature Range
-40°C to 125°C
●Bipolar Technology
●High Slew Rate
13V/
μs typ.
●Wide Unity Gain Bandwidth
3MHz typ.
●Package
NJM072C/072CA/082C/082CA
SOP8
NJM072C/072CA/082C/082CA
SSOP8
NJM074C/074CA/084C/084CA
SOP14
NJM074C/074CA/084C/084CA
SSOP14
APPLICATIONS
●Industrial Measuring Instruments
●Active Filters
●Sensor Amplifiers
●Audio Amplifiers / Filters
●Photodiode Amplifiers
DESCRIPTION
The NJM072C/082C/NJM074C/084C are JFET input
operational amplifiers. They feature low input bias and
offset currents, high input impedance and fast slew rate.
The low harmonic distortion and low noise make them
ideally suit for amplifiers with high fidelity and audio
amplifier applications.
In addition, the realization of a wide operating temperature
reaches by a new design.
■ EQUIVALENT CIRCUIT
Dual
NJM072CG/CV NJM082CG/CV NJM072CAG/CAV NJM082CAG/CAV
Quad NJM074CG/CV NJM084CG/CV NJM074CAG/CAV NJM084CAG/CAV
10mV max.
15mV max.
Product
Name
Input Offset Voltage
6mV max.
V
+
V
-
- IN PUT
+ IN PUT
OUTPUT


Similar Part No. - NJM072C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM072C NISSHINBO-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CAG NISSHINBO-NJM072CAG Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CAV NISSHINBO-NJM072CAV Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CG NISSHINBO-NJM072CG Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CV NISSHINBO-NJM072CV Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results

Similar Description - NJM072C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com