Electronic Components Datasheet Search
  English  ▼

X  

NJM072C Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 4 Page - New Japan Radio

  NJM072C Datasheet HTML 1Page - New Japan Radio NJM072C Datasheet HTML 2Page - New Japan Radio NJM072C Datasheet HTML 3Page - New Japan Radio NJM072C Datasheet HTML 4Page - New Japan Radio NJM072C Datasheet HTML 5Page - New Japan Radio NJM072C Datasheet HTML 6Page - New Japan Radio NJM072C Datasheet HTML 7Page - New Japan Radio NJM072C Datasheet HTML 8Page - New Japan Radio NJM072C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 4 -
Ver.5.0
www.njr.com
■ ELECTRICAL CHARACTERISTICS
(V+/V- = ± 15V, Ta = 25
˚C, unless otherwise noted.)
( ) Applies to NJM082C and NJM084C
PARAMETER
SYMBOL
TEST CONDITIONS
NJM072C / NJM082C
NJM074C / NJM084C
NJM072CA / NJM082CA
NJM074CA / NJM084CA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Offset Voltage
VIO
RS = 50
Ω, Ta = 25°C
-
3
10(15)
-
3
6(6)
mV
RS = 50
Ω,
0°C < Ta < 70°C(5)
-
-
13(15)
-
-
7(7.5)
Input Offset Voltage Drift
ΔVIO/ΔT
RS = 50
Ω,
0°C < Ta < 70°C(5)
-
18
-
-
18
-
µV/°C
Input Bias Current
IB
Ta = 25°C
-
30
200(400)
-
30
200
pA
0°C < Ta < 70°C(5)
-
-
7
-
-
7
nA
Input Offset Current
IIO
Ta = 25°C
-
5
50(200)
-
5
50(100)
pA
0°C < Ta < 70°C(5)
-
-
10
-
-
2
nA
Input Resistance
RIN
-
1012
-
←
←
←
Ω
Open-Loop Voltage Gain
AV
RL
≥ 2kΩ, VO= ± 10V,
Ta = 25°C
25
200
-
50
200
-
V/mV
RL
≥ 2kΩ,VO= ± 10V,
0°C < Ta < 70°C(5)
15
-
-
25
-
-
Common-Mode Rejection
Ratio
CMR
VIC = VICMMIN,
RS
≤ 10kΩ
70
100
-
75
100
-
dB
Common-Mode Input
Voltage Range
VICM
≥ CMR MIN
±11
-12 to
15
-
←
←
←
V
OUTPUT CHARACTERISTICS
Maximum Output Voltage
VOM
RL= 10k
Ω
±12
±13.5
-
←
←
←
V
RL=10k
Ω,
0°C < Ta < 70°C(5)
±12
-
-
←
←
←
RL= 2k
Ω,
0°C < Ta < 70°C(5)
±10
-
-
←
←
←
POWER SUPPLY
Supply Current per Amplifier
ISUPPLY
No Signal
-
1.4
2.5(2.8)
←
←
←
mA
Supply Voltage Rejection
Ratio
SVR
V+/V-= ±9V to ±15V,
RS
≤ 10kΩ
70
100
-
80
100
-
dB
AC CHARACTERISTICS
Slew Rate
SR
VIN = 10Vpp,RL = 2k
Ω,
CL= 00pF, See Figure1
8
13
-
←
←
←
V/
μs
Unity Gain Frequency
fT
-
3
-
←
←
←
MHz
Rise Time
tr
VIN = 20mVpp ,
RL= 2k
Ω,
CL=100pF, See Figure1
-
0.1
-
←
←
←
µs
Overshoot
KOV
VIN = 20mVpp ,
RL= 2k
Ω,
CL= 100pF, See Figure1
-
20
-
←
←
←
%
Total Harmonic Distortion
+ Noise
THD+N
VIN = 6Vrms , GV = 0dB
RL= 2k
Ω,
RS = 1k
Ω, f = 1kHz
-
0.003
-
←
←
←
%
Equivalent Input Noise
Voltage
VNI
RS=20
Ω,f=10Hzto10kHz
-
4
-
←
←
←
μVrms
en
RS = 20
Ω, f = 1kHz
-
18
-
←
←
←
nV/
√Hz
Equivalent Input Noise
Current
in
RS = 20
Ω, f = 1kHz
-
0.01
-
←
←
←
pA/
√Hz
Channel Separation
CS
GV = 40dB
-
120
-
←
←
←
dB
(5) This parameter is not 100% test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com