Electronic Components Datasheet Search
  English  ▼

X  

NJM072C Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM072C Datasheet HTML 6Page - New Japan Radio NJM072C Datasheet HTML 7Page - New Japan Radio NJM072C Datasheet HTML 8Page - New Japan Radio NJM072C Datasheet HTML 9Page - New Japan Radio NJM072C Datasheet HTML 10Page - New Japan Radio NJM072C Datasheet HTML 11Page - New Japan Radio NJM072C Datasheet HTML 12Page - New Japan Radio NJM072C Datasheet HTML 13Page - New Japan Radio NJM072C Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 10 -
Ver.5.0
www.njr.com
■ PACKAGE DIMENSIONS
M
D
∞ 0
8
5
1
4
E 1
6 × e
E
e /2
T
U
M
U
θ
h × 4 5 °
D E TA I L F
CC C Z
8 ×b
A
A 1
A 2
Z
S EAT ING
PLA NE
b bb M
Z
S T S
U
C
L
θ 1
θ 2
D ET A I L F
[ 0 . 2 5]
D ES CR IP T IO N
SY MB O L
IN CH
MI LL IM E TE R
M IN
N CM
M AX
M IN
N C M
M AX
T OT AL TH IC KN E SS
A
. 0 53
.0 69
1 .3 5
1 . 75
S TA N D OF F
A 1
. 0 04
.0 1 0
0 .1 0
0. 25
MO LD T H IC KN ES S
A 2
.0 49
-
1 . 25
-
LE AD W I DT H
b
.0 14
. 01 9
0 . 35
0. 49
L /F TH IC KN ES S
C
. 0 07
.0 1 0
0 .1 9
0. 25
BO DY S I ZE
D
. 1 89
.1 9 7
4 .8 0
5. 00
E 1
.1 50
.1 5 7
3 .8 0
4. 00
E
.2 28
.2 4 4
5 .8 0
6. 20
L EA D P IT CH
e
.0 50 B S C
1 . 27 B SC
L
.0 15
. 04 9
0 .4 0
1. 25
h
.0 1 0
. 02 0
0 .2 5
0. 5 0
θ
0 °
7 °
0 °
7 °
θ 1
5 °
15 °
5 °
15 °
θ 2
2 °
7 °
12 °
2 °
7 °
12 °
L EA D E DG E OF F SE T
∞ O
. 0 10
0. 25
L EA D OF FS E T
bb b
. 01 0
0 .2 5
C OP L AN AR IT Y
C CC
. 0 04
0. 10
SOP8
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com