Electronic Components Datasheet Search
  English  ▼

X  

ESDR Datasheet(PDF) 2 Page - Littelfuse

Part # ESDR
Description  Dedicated - Recycle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ESDR Datasheet(HTML) 2 Page - Littelfuse

  ESDR Datasheet HTML 1Page - Littelfuse ESDR Datasheet HTML 2Page - Littelfuse ESDR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Recycle
www.littelfuse.com/esdr
Rev: 1-A-061016
ESDR SERIES
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
T1 ON TIME
FIRST DELAY
T2 OFF TIME
SWITCHING MODE
ESDR120A0P
12VDC
Onboard
0.1 - 10s
On time
0.1 - 10s
Positive
ESDR120B3P
12VDC
Onboard
0.1 - 10s
Off time
0.1 - 10m
Positive
ESDR123B4P
12VDC
Onboard
0.1 - 10m
Off time
1 - 100m
Positive
ESDR125A5P
12VDC
Onboard
10 - 1000m
On time
10 - 1000m
Positive
ESDR221A2
24VAC
Onboard
1 - 100s
On time
10 - 1000s
n/a
ESDR320A0P
24VDC
Onboard
0.1 - 10s
On time
0.1 - 10s
Postitive
ESDR320A3P
24VDC
Onboard
0.1 - 10s
On time
0.1 - 10m
Positive
ESDR420A0
120VAC
Onboard
0.1 - 10s
On time
0.1 - 10s
n/a
ESDR420A1
120VAC
Onboard
0.1 - 10s
On time
1 - 100s
n/a
ESDR420A4
120VAC
Onboard
0.1 - 10s
On time
1 - 100m
n/a
ESDR420B1
120VAC
Onboard
0.1 - 10s
Off time
1 - 100s
n/a
ESDR420B4
120VAC
Onboard
0.1 - 10s
Off time
1 - 100m
n/a
ESDR421A1
120VAC
Onboard
1 - 100s
On time
1 - 100s
n/a
ESDR421A4
120VAC
Onboard
1 - 100s
On time
1 - 100m
n/a
ESDR423A3
120VAC
Onboard
0.1 - 10m
On time
0.1 - 10m
n/a
ESDR423A4
120VAC
Onboard
0.1 - 10m
On time
1 - 100m
n/a
ESDR424A1
120VAC
Onboard
1 - 100m
On time
1 - 100s
n/a
ESDR450A1
120VAC
External
0.1 - 10s
On time
1 - 100s
n/a
If you don’t find the part you need, call us for a custom product 800-843-8848
External Resistance vs.Time Delay
This chart applies to externally adjustable part numbers.
The time delay is adjustable over the time delay range selected by varying
the resistance across the RT terminals; as the resistance increases the tie
delay increases.
When selecting an external RT, add the tolerances of the timer and the RT
for the full time range adjustment.
Examples: 1 to 50 S adjustable time delay, select time delay range 1 and
a 50 K ohn RT. For 1 to 100 S use a 100 K ohm RT.
Function Diagrams
RECYCLING (ON FIRST)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD1,TD2 =Time Delay
R = Reset
RECYCLE (OFFTIME FIRST)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD1,TD2 =Time Delay
R = Reset
V = Voltage
NO = Normally Open
Contact
NC = Normally Closed
Contact
TD1,TD2 =Time Delay
R = Reset



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com