Electronic Components Datasheet Search
  English  ▼

X  

ESDR Datasheet(PDF) 3 Page - Littelfuse

Part # ESDR
Description  Dedicated - Recycle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ESDR Datasheet(HTML) 3 Page - Littelfuse

  ESDR Datasheet HTML 1Page - Littelfuse ESDR Datasheet HTML 2Page - Littelfuse ESDR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Recycle
www.littelfuse.com/esdr
Rev: 1-A-061016
ESDR SERIES
Specifications
Time Delay
Range
0.1s - 1000m in 6 adjustable ranges or fixed
Repeat Accuracy
±0.1% or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ± 5%
Time Delay vs Temp.
& Voltage
≤ ±2%
Reset Time
≤ 150ms
Input
Voltage
12 or 24VDC; 24, 120, or 230VAC
Tolerance
±20%
Power Consumption
AC ≤ 2VA; DC ≤ 1W
AC Line Frequency/DC Ripple 50/60 Hz / ≤ 10%
Output
Type
Solid state
Maximum Load Current
1A steady state , 10A inrush at 60°C
OFF State Leakage Current
AC ≅ 5mA @ 230VAC; DC ≅ 1mA
Voltage Drop
AC ≅ 2.5V @ 1A; DC ≅ 1V @ 1A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2”); W 50.8 mm (2”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Operating/Storage
Temperature
-40° to 75°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com