Electronic Components Datasheet Search
  English  ▼

X  

ESDR Datasheet(PDF) 1 Page - Littelfuse

Part # ESDR
Description  Dedicated - Recycle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ESDR Datasheet(HTML) 1 Page - Littelfuse

  ESDR Datasheet HTML 1Page - Littelfuse ESDR Datasheet HTML 2Page - Littelfuse ESDR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Recycle
www.littelfuse.com/esdr
Rev: 1-A-061016
ESDR SERIES
Description
The ESDR Series offers independent time adjustment of both
delay periods. Adjustment options include fixed, onboard or
external adjust. The ESDR is recommended for air drying,
automatic oiling, life testing, chemical metering and automatic
duty cycling. This series is designed for general purpose
commercial and industrial applications where a small, cost
effective, reliable, solid-state timer is required. The factory
calibration for fixed time delays is <±5%. The repeat accuracy,
under stable conditions, is 0.1% of the selected time delay.
This series is designed for input voltages of 12VDC to 230VAC
in five ranges. Time delays of 0.1 seconds to 1000 minutes are
available in six ranges. The output is rated 1A steady and 10A
inrush. The modules are totally solid state and encapsulated to
protect the electronic circuitry.
Operation (Recycling - ON Time First)
Upon application of input voltage, the output energizes and
the T1, ON time begins. At the end of the ON time, the output
de-energizes and the T2, OFF time begins. At the end of the
OFF time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the first delay.
Operation (Recycling - OFF Time First)
Upon application of input voltage, the T2 OFF time begins. At the
end of the OFF time, the output energizes and the T1 ON time
begins. At the end of the ON time, the output de-energizes and
the cycle repeats as long as input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the first delay.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / -0.1%,
Factory calibration + / - 5%
1A steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
ON/OFF recycling with
independent adjustment
of both time periods
Separate on and off timing settings are knob
adjustable for added flexibility
Compact, low cost
design measuring 2 in.
(50.8mm) square
Allows flexiblility for OEM applications
Ordering Information
See next page.
Wiring Diagram
V = Voltage
L = Load
T1 = ONTime
T2 = OFFTime
RT is used when external
adjustment is ordered.
A knob is supplied for
adjustment on the unit;
terminals for external
adjustment.
L1
N/L2
(Positive Switching)
(Negative Switching)
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16) Female Quick
Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.


Similar Part No. - ESDR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0502B ONSEMI-ESDR0502B Datasheet
135Kb / 4P
Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
June, 2010 ??Rev. 0
ESDR0502B ONSEMI-ESDR0502B Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
135Kb / 4P
Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
June, 2010 ??Rev. 0
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
234Kb / 5P
Ultra−Low Capacitance
February, 2024 - Rev. 6
More results

Similar Description - ESDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
HRDR LITTELFUSE-HRDR Datasheet
664Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRDR LITTELFUSE-KRDR Datasheet
438Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSD3 LITTELFUSE-KSD3 Datasheet
536Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com