Electronic Components Datasheet Search
  English  ▼

X  

3273656 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3273656
Description  Distribution block - PTFIX 10/18X4-NS35-FE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273656 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3273656 Datasheet HTML 1Page - PHOENIX CONTACT 3273656 Datasheet HTML 2Page - PHOENIX CONTACT 3273656 Datasheet HTML 3Page - PHOENIX CONTACT 3273656 Datasheet HTML 4Page - PHOENIX CONTACT 3273656 Datasheet HTML 5Page - PHOENIX CONTACT 3273656 Datasheet HTML 6Page - PHOENIX CONTACT 3273656 Datasheet HTML 7Page - PHOENIX CONTACT 3273656 Datasheet HTML 8Page - PHOENIX CONTACT 3273656 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, connection method: Push-in connection, Line contact, Rated cross section: 10
mm2, cross section: 0.5 mm2 - 10 mm2, Push-in connection, Load contact, cross section: 0.2 mm
2
 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: black/yellow
Your advantages
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
•
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
•
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
•
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
•
Clear wiring, thanks to eleven different color variants
•
Commercial Data
Item number
3273656
Packing unit
1 pc
Minimum order quantity
8 pc
Sales Key
B02
Product Key
BEA124
Catalog Page
Page 453 (C-1-2019)
GTIN
4055626667614
Weight per Piece (including packing)
56.381 g
Weight per Piece (excluding packing)
22.22 g
Customs tariff number
85369010
Country of origin
PL
Distribution block - PTFIX 10/18X4-NS35-FE
3273656
https://www.phoenixcontact.com/us/products/3273656
Jul 29, 2022, 6:02 AM
Page 1 (19)


Similar Part No. - 3273656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273650 PHOENIX-3273650 Datasheet
476Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BK
Jun 22, 2022
3273652 PHOENIX-3273652 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 VT
Sep 8, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273654 PHOENIX-3273654 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 OG
Jul 20, 2022
3273658 PHOENIX-3273658 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A GY
Jun 2, 2022
More results

Similar Description - 3273656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273640 PHOENIX-3273640 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 RD
Jun 3, 2022
3273644 PHOENIX-3273644 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 GN
Jun 2, 2022
3273648 PHOENIX-3273648 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 WH
Jun 2, 2022
3273636 PHOENIX-3273636 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 GY
May 13, 2022
3273590 PHOENIX-3273590 Datasheet
496Kb / 20P
Distribution block - PTFIX 18X4-NS35-FE
Jun 23, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273642 PHOENIX-3273642 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 YE
Jul 20, 2022
3273646 PHOENIX-3273646 Datasheet
477Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BN
Jun 27, 2022
3273650 PHOENIX-3273650 Datasheet
476Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BK
Jun 22, 2022
3273920 PHOENIX-3273920 Datasheet
557Kb / 21P
Distribution block - PTFIX 10/18X4-FE
Jul 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com