Electronic Components Datasheet Search
  English  ▼

X  

3273656 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3273656
Description  Distribution block - PTFIX 10/18X4-NS35-FE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273656 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3273656 Datasheet HTML 9Page - PHOENIX CONTACT 3273656 Datasheet HTML 10Page - PHOENIX CONTACT 3273656 Datasheet HTML 11Page - PHOENIX CONTACT 3273656 Datasheet HTML 12Page - PHOENIX CONTACT 3273656 Datasheet HTML 13Page - PHOENIX CONTACT 3273656 Datasheet HTML 14Page - PHOENIX CONTACT 3273656 Datasheet HTML 15Page - PHOENIX CONTACT 3273656 Datasheet HTML 16Page - PHOENIX CONTACT 3273656 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Marker for terminal blocks
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN 1-10 - 0804374:0001
https://www.phoenixcontact.com/us/products/0804374:0001
Marker card, self-adhesive, horizontally labeled with the consecutive numbers: 1
... 10, 10-section marker strips with 12 identical decades, white, for terminal
block width: 6.2 mm
Marker for terminal blocks
Marker for terminal blocks - SK 6,2/3,8:FORTL.ZAHLEN 11-20 - 0804374:0011
https://www.phoenixcontact.com/us/products/0804374:0011
Marker card, self-adhesive, horizontally labeled with the consecutive numbers:
11 ... 20, 10-section marker strips with 12 identical decades, white, for terminal
block width: 6.2 mm
Distribution block - PTFIX 10/18X4-NS35-FE
3273656
https://www.phoenixcontact.com/us/products/3273656
Jul 29, 2022, 6:02 AM
Page 13 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com