Electronic Components Datasheet Search
  English  ▼

X  

3273656 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3273656
Description  Distribution block - PTFIX 10/18X4-NS35-FE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273656 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3273656 Datasheet HTML 1Page - PHOENIX CONTACT 3273656 Datasheet HTML 2Page - PHOENIX CONTACT 3273656 Datasheet HTML 3Page - PHOENIX CONTACT 3273656 Datasheet HTML 4Page - PHOENIX CONTACT 3273656 Datasheet HTML 5Page - PHOENIX CONTACT 3273656 Datasheet HTML 6Page - PHOENIX CONTACT 3273656 Datasheet HTML 7Page - PHOENIX CONTACT 3273656 Datasheet HTML 8Page - PHOENIX CONTACT 3273656 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Data
Notes
General
The maximum load current of a single clamping unit must not be
exceeded.
Note
For power distribution applications, IEC 60364-4-43.2008;
modified + corrigendum Okt. 2008 (DIN VDE 0100-430:2010-10)
section 433.2 ff must be observed!
Product properties
Product type
Distributor terminal block
Number of connections
19
Number of rows
1
Potentials
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
6 kV
Maximum power dissipation for nominal condition
1.02 W
Connection data
Service Entrance
yes
Number of connections per level
19
Nominal cross section
4 mm²
Rated cross section AWG
10
Line contact
Stripping length
12 mm ... 14 mm
Conductor cross section solid
0.5 mm² ... 10 mm²
Cross section AWG
20 ... 6
Conductor cross section flexible
0.5 mm² ... 10 mm²
Conductor cross section, flexible [AWG]
20 ... 8
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.5 mm² ... 10 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.5 mm² ... 10 mm²
Conductor cross-section flexible (2 conductors with the same
cross-section, with TWIN ferrule and plastic sleeve)
0.5 mm² ... 4 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 4 mm²
Nominal cross section
10 mm²
Load contact
Distribution block - PTFIX 10/18X4-NS35-FE
3273656
https://www.phoenixcontact.com/us/products/3273656
Jul 29, 2022, 6:02 AM
Page 2 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com