Electronic Components Datasheet Search
  English  ▼

X  

DCNLB Datasheet(PDF) 2 Page - Littelfuse

Part # DCNLB
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLB Datasheet(HTML) 2 Page - Littelfuse

  DCNLB Datasheet HTML 1Page - Littelfuse DCNLB Datasheet HTML 2Page - Littelfuse DCNLB Datasheet HTML 3Page - Littelfuse DCNLB Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
DCNLB SERIES
60V DC MAX CONTACTOR RELAY
Ordering Information
Performance Data
PART
NUMBER
CONTINUOUS
CURRENT (A)
VOLTAGE RATING
MOUNTING
COIL
VOLTAGE
(V DC)
COIL
TYPE
AUX
CONTACT
POLARIZED
SYSTEM NOMINAL
(V DC)
MAX VOLTAGE (V DC)
DCNLB100NB48
100
48
60
SIDE MOUNT
48
Single
No
No
DCNLB200NB24
200
48
60
SIDE MOUNT
24
Single
No
No
DCNLB200NB48
200
48
60
SIDE MOUNT
48
Single
No
No
DCNLB200NB60
200
48
60
SIDE MOUNT
60
Single
No
No
DCNLB200NB48-01
200
48
60
SIDE MOUNT
48
Dual
No
No
MAIN CONTACT
Contact Arrangement
SPST NC
Rated Operating Voltage
48V DC
Max Short Circuit Current
DCNLB100NB
400A @ 48V DC
DCNLB200NB
800A @ 48V DC
Dielectric Withstand Voltage
1000V AC
Insulation Resistence
≥50MΩ @ 500VDC
Max Voltage Drop
≤ 50mV @ 100A
LIFE
Electrical Life
3,000
Mechanical Life
100,000
OPERATE / RELEASE TIME
Release (ms)
DCNLB100NB
DCNLB200NB
50
DCNLB200NB48-01
30
ENVIRONMENTAL DATA
Shock
3G
Vibration
1~50Hz (freq.1~10Hz, amp;.25/f²;
freq.10~50Hz, ampl.250/f²)
Operating Ambient Temperature
-40°C~+85°C
Weight (g)
DCNLB100NB
193.3
DCNLB200NB
535
COIL DATA
Voltage Rating (V DC)
24
48
60
Pickup Voltage @ 25˚C (V DC MAX)
15
30
37
Dropout Voltage @ 25˚C (V DC MIN)
2
4
5
Hold Current (A)
DCNLB100NB48
0.23
DCNLB200NB24
0.4
DCNLB200NB48
0.26
DCNLB200NB60
0.24
DCNLB200NB48-01
0.12
Coil Watts @ 25˚C (W)
DCNLB100NB48
11
DCNLB200NB24
10
DCNLB200NB48
12
DCNLB200NB60
14.5
DCNLB200NB48-01
230/8
Start-Up
180
180
Hold
8
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com