Electronic Components Datasheet Search
  English  ▼

X  

DCNLB Datasheet(PDF) 4 Page - Littelfuse

Part # DCNLB
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLB Datasheet(HTML) 4 Page - Littelfuse

  DCNLB Datasheet HTML 1Page - Littelfuse DCNLB Datasheet HTML 2Page - Littelfuse DCNLB Datasheet HTML 3Page - Littelfuse DCNLB Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
Application Notes & Definitions
• Be sure to use a washer to prevent screws from loosening.Tighten the screw so that the torque
is in the range specified below. Exceeding the maximum torque can lead to product rupture.
•
• Please refer to the drawing for connection polarity.
• Do not use dropped products.
• Avoid installing the product in a strong magnetic field (Close to the transformer or magnet), or
near an object with heat radiation.
• Electrical life
Please use under load capability and life cycle so as not to cause a function failure. (Please also
treat the contactor as a product with specified life and replace it when necessary). It is possible
to make parts burn around the contactor once operating failure happens. So it is necessary to
take layout into account to make sure power shall be cut off within 1 second.
• Do not let particle and oil stain on the main terminal with which the load shall make a reliable
contact or it will cause a lot of heat.
DCNLB SERIES
60V DC MAX CONTACTOR RELAY
PRODUCT SERIES
PRODUCT MODEL
CONTACT TERMINAL
COIL TERMINAL
MOUNTING
HOLE OR BOLT
REFERENCE TORQUE
HOLE/BOLT/WIRE/TERMINAL
REFERENCE TORQUE
REFERENCE TORQUE
DCNLB100NB48
DCNLB100NB48
Bolt: M8
9~11N.m
Bolt: M4
1.7~2.5N.m
4~5N.m
DCNLB200NB
DCNLB200NB24
DCNLB200NB48
DCNLB200NB60
DCNLB200NB48-01
DCNLB200NB48-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com