Electronic Components Datasheet Search
  English  ▼

X  

DCNLB Datasheet(PDF) 3 Page - Littelfuse

Part # DCNLB
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLB Datasheet(HTML) 3 Page - Littelfuse

  DCNLB Datasheet HTML 1Page - Littelfuse DCNLB Datasheet HTML 2Page - Littelfuse DCNLB Datasheet HTML 3Page - Littelfuse DCNLB Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
DCNLB SERIES
60V DC MAX CONTACTOR RELAY
Part Number System
DCNLB
200
N
B
24 -01
Series
Current
Main Contacts Polarization and Aux Contact
Main Contacts Voltage
Coil Voltage
(Optional) Special Code
MAIN CONTACTS POLARIZATION AND AUX CONTACT
POLARIZED?
INCLUDE AUX
CONTACT?
N:
No
No
MAIN CONTACTS VOLTAGE
RATING
B:
48
V DC
COIL VOLTAGE
24:
24
V DC
48:
48
V DC
60:
60
V DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com