Electronic Components Datasheet Search
  English  ▼

X  

AP7366EA Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7366EA
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7366EA Datasheet HTML 6Page - Diodes Incorporated AP7366EA Datasheet HTML 7Page - Diodes Incorporated AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated AP7366EA Datasheet HTML 10Page - Diodes Incorporated AP7366EA Datasheet HTML 11Page - Diodes Incorporated AP7366EA Datasheet HTML 12Page - Diodes Incorporated AP7366EA Datasheet HTML 13Page - Diodes Incorporated AP7366EA Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
10 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Application Information
Input Capacitor
A 1μF ceramic capacitor is recommended between IN and GND pins to decouple input power supply glitch and noise. The amount of the
capacitance may be increased without limit. This input capacitor must be located as close as possible to the device to ensure input stability and
reduce noise. For PCB layout, a wide copper trace is required for both IN and GND pins. A lower ESR capacitor type allows the use of less
capacitance, while higher ESR type requires more capacitance.
Output Capacitor
The output capacitor is required to stabilize and improve the transient response of the LDO. The AP7366EA is stable with very small ceramic
output capacitors. Using a ceramic capacitor value that is at least 1
μF on the output ensures stability. Higher capacitance values help to improve
line and load transient response. The output capacitance may be increased to keep low undershoot and overshoot. Output capacitor must be
placed as close as possible to OUT and GND pins.
ESR vs. Output Current
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR also can be used. The relations
between IOUT (Output Current) and ESR of an output capacitor are shown below. The stable region for the safety operating temperature (-40°C to
+85°C) is marked as the gray area in the graph.
Measurement conditions: Frequency Band: 10Hz to 2MHz, Temperature: -40°C to +85°C.
AP7366EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com