Electronic Components Datasheet Search
  English  ▼

X  

AP7366EA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7366EA
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7366EA Datasheet HTML 1Page - Diodes Incorporated AP7366EA Datasheet HTML 2Page - Diodes Incorporated AP7366EA Datasheet HTML 3Page - Diodes Incorporated AP7366EA Datasheet HTML 4Page - Diodes Incorporated AP7366EA Datasheet HTML 5Page - Diodes Incorporated AP7366EA Datasheet HTML 6Page - Diodes Incorporated AP7366EA Datasheet HTML 7Page - Diodes Incorporated AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
3 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2000
V
ESD CDM
Charge Device Model
±1000
V
VIN
Input Voltage
6.5
V
—
OUT, EN Voltage
VIN +0.3
V
TST
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
+150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.2
6
V
VOUT
Output Voltage
0.8
5
V
IOUT
Output Current (Note 4)
0
600
mA
TA
Operating Ambient Temperature
-40
+85
°C
Note:
4. The device maintains a stable, regulated output voltage without a load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com