Electronic Components Datasheet Search
  English  ▼

X  

AP7366EA Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7366EA
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated AP7366EA Datasheet HTML 10Page - Diodes Incorporated AP7366EA Datasheet HTML 11Page - Diodes Incorporated AP7366EA Datasheet HTML 12Page - Diodes Incorporated AP7366EA Datasheet HTML 13Page - Diodes Incorporated AP7366EA Datasheet HTML 14Page - Diodes Incorporated AP7366EA Datasheet HTML 15Page - Diodes Incorporated AP7366EA Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
12 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Application Information (continued)
Ultra Fast Start-up
After enabled, the AP7366EA is able to provide full power in as little as tens of microseconds, typically 200µs, without sacrificing low ground
current. This feature will help load circuitry move in and out of standby mode in real time, eventually extending battery life for mobile phones and
other portable devices.
Low Quiescent Current
The AP7366EA, consuming only around 60µA for all input range, provides great power saving in portable and low power applications.
Power Dissipation
The device power dissipation and proper sizing of the thermal plane that is connected to the thermal pad is critical to avoid thermal shutdown and
ensure reliable operation. Power dissipation of the device depends on input voltage and load conditions and can be calculated by:
PD = (VIN - VOUT) × IOUT
The maximum power dissipation, handled by the device, depends on the maximum junction to ambient thermal resistance, maximum ambient
temperature, and maximum device junction temperature, which can be calculated by the equation in the following.
θJA
R
)
A
T
-
C
150
(
)
A
(max@T
P
D
Ordering Information
AP7366EA - XX XX - X
Packing
Package
7 : Tape & Reel
Blank : ADJ
Output
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
20 : 2.0V
36 : 3.6V
W5 : SOT25
SN : U-DFN2020-6
39 : 3.9V
Part Number
Part Number Suffix
Package
Package Code
Packing
Qty.
Carrier
AP7366EA-W5-7
-7
SOT25
W5
3,000
7” Tape & Reel
AP7366EA-XXW5-7
-7
SOT25
W5
3,000
7” Tape & Reel
AP7366EA-SN-7
-7
U-DFN2020-6
SN
3,000
7” Tape & Reel
AP7366EA-XXSN-7
-7
U-DFN2020-6
SN
3,000
7” Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com