Electronic Components Datasheet Search
  English  ▼

X  

B5WC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B5WC
Description  Color Sensor to Build into Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5WC Datasheet(HTML) 1 Page - Omron Electronics LLC

  B5WC Datasheet HTML 1Page - Omron Electronics LLC B5WC Datasheet HTML 2Page - Omron Electronics LLC B5WC Datasheet HTML 3Page - Omron Electronics LLC B5WC Datasheet HTML 4Page - Omron Electronics LLC B5WC Datasheet HTML 5Page - Omron Electronics LLC B5WC Datasheet HTML 6Page - Omron Electronics LLC B5WC Datasheet HTML 7Page - Omron Electronics LLC B5WC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
B5WC
Color Sensor to Build into Equipment
Reliable Detection of Changes and
Differences in Color
– Contributes to Automation of Equipment –
• Improves equipment maintenance efficiency by monitoring the
changes in liquid color.
• Assists equipment multifunctionality and work automation by an
operation based on the color information of the detected object.
• Provides stable operation of equipment by detecting the objects by
color.
• Can be built into equipment thanks to its compact form* and
high degree of installation flexibility.
* Size: 8.4 [W] × 40 [L] × 15.9 [H] mm
Model Number Legend
Ordering Information
Sensors
Sensing
method
Appearance
Size
Connecting
method
Output type
Sensing
distance
Model
Minimum
number of
deliverable units
(Unit: pieces)
Reflective
Miniature
Connector
I2C
40 mm
B5WC-VB2322-1
1
Be sure to read Safety Precautions on page 5.
B5WC-VB
@ @ @ @ - @
1.
1. Size
2: Miniature
2. 3. 4.
5.
2. Sensing
distance
3: 40 mm
3. Output
2: I2C
4. Protective
structure
2: IP50
5. Minimum
number of
deliverable units
1: 1 piece


Similar Part No. - B5WC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B5W TOKO-B5W Datasheet
665Kb / 2P
COMMON MODE CHOKE FOR IEEE 1394 APPLICATIONS
logo
Omron Electronics LLC
B5W-DB OMRON-B5W-DB Datasheet
348Kb / 8P
Diffuse Reflective Sensor
0522/1220
B5W-DB11A1-A OMRON-B5W-DB11A1-A Datasheet
255Kb / 8P
Diffuse Reflective Sensor
0522/0721
B5W-DB11A1-A-1 OMRON-B5W-DB11A1-A-1 Datasheet
255Kb / 8P
Diffuse Reflective Sensor
0522/0721
B5W-DB1452-1 OMRON-B5W-DB1452-1 Datasheet
348Kb / 8P
Diffuse Reflective Sensor
0522/1220
More results

Similar Description - B5WC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD150 SHARP-PD150 Datasheet
131Kb / 3P
TO-18 TYPE COLOR SENSOR
PD153 SHARP-PD153 Datasheet
169Kb / 4P
TO-18 TYPE COLOR SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
LIGHT-TO-VOLTAGE COLOR SENSOR
logo
ams AG
TCS3103 AMSCO-TCS3103 Datasheet
755Kb / 13P
LIGHT-TO-VOLTAGE COLOR SENSOR
logo
List of Unclassifed Man...
T6613 ETC2-T6613 Datasheet
113Kb / 4P
Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
T6615 ETC2-T6615 Datasheet
99Kb / 4P
Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Hamamatsu Corporation
P12347-01 HAMAMATSU-P12347-01_15 Datasheet
452Kb / 17P
Color sensor proximity sensor and 3-color LED incorporated into a single package
logo
Festo Corporation.
538236 FESTO-538236 Datasheet
104Kb / 2P
Color sensor
8058731 FESTO-8058731 Datasheet
84Kb / 2P
Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
Color sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com