Electronic Components Datasheet Search
  English  ▼

X  

B5WC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B5WC
Description  Color Sensor to Build into Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5WC Datasheet(HTML) 2 Page - Omron Electronics LLC

  B5WC Datasheet HTML 1Page - Omron Electronics LLC B5WC Datasheet HTML 2Page - Omron Electronics LLC B5WC Datasheet HTML 3Page - Omron Electronics LLC B5WC Datasheet HTML 4Page - Omron Electronics LLC B5WC Datasheet HTML 5Page - Omron Electronics LLC B5WC Datasheet HTML 6Page - Omron Electronics LLC B5WC Datasheet HTML 7Page - Omron Electronics LLC B5WC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B5WC
2
Ratings and Specifications
Output Circuit Diagram
Item
Model
B5WC-VB2322-1
Sensing distance
40 mm (white paper)
Light source
White LED
Power supply voltage
5 VDC ±5%
Current consumption
18 mA max. (at 5.25 VDC)
Communication method
I2C
I2C output
Output voltage value for each of red, green and blue: 0.45 V ±20% (when gray reference plate and detection
distance of 40 mm)
Output saturation voltage: Typ. 2.75 V (output voltage range: 0 to 2.75 V)
SCL/SDA input H voltage: 2.54 to 5.4 V, input L voltage: 0.9 V max., SDA output L voltage 0.44 V max. (when
output current of 3 mA)
RGB output voltage value resolution: 3.2 mV
Sampling period
1 msec
Data update period
Sampling period (1 msec) × average number of times (1 to 50 times)
Ambient temperature range
Operating: -10 to +70°C, Storage: -25 to +80°C (with no icing or condensation)
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50 (not including terminals)
Connecting method
Connector models (connector: SM05B-SRS made by J.S.T. Mfg. Co., Ltd.)
Weight
Approx 3.4 g
Material
Case
Polycarbonate (PC)
Lens
Acrylic (PMMA)
Cover
Polycarbonate (PC)
Model
Output circuit
B5WC-VB2322-1
MCU
LED
Vcc
Empty
SDA
SCL
GND
5 VDC
0 V
RGB
sensor
(1)
(2)
(3)
(4)
(5)
Terminal
No.
Name
Function
(1)
Vcc
Power supply
voltage
(2)
SDA
I2C data
(3)
SCL
I2C clock
(4)
Empty
---
(5)
GND
Power supply
ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com