Electronic Components Datasheet Search
  English  ▼

X  

B5WC Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B5WC
Description  Color Sensor to Build into Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B5WC Datasheet(HTML) 3 Page - Omron Electronics LLC

  B5WC Datasheet HTML 1Page - Omron Electronics LLC B5WC Datasheet HTML 2Page - Omron Electronics LLC B5WC Datasheet HTML 3Page - Omron Electronics LLC B5WC Datasheet HTML 4Page - Omron Electronics LLC B5WC Datasheet HTML 5Page - Omron Electronics LLC B5WC Datasheet HTML 6Page - Omron Electronics LLC B5WC Datasheet HTML 7Page - Omron Electronics LLC B5WC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B5WC
3
Engineering Data (Reference Value)
Output voltage ratio: This indicates each RGB output voltage ratio with the highest signal within the RGB output voltages expressed as 100%.
Example: Red = 1.0 V, Green = 0.7 V, Blue = 0.5 V => Red: 100%, Green: 70%, Blue: 50%
Munsell color detection capacity
ASTM color detection capacity
Receiver Output - Sensing Distance Characteristics
Receiver output ratio - Sensing Distance Characteristics
Receiver Output - Angle characteristics (Up and down)
Receiver output ratio - Angle characteristics (Up and down)
(Sensing Distance = 40 mm)
0
10
20
30
40
50
60
70
80
90
100
5R 4/12 5YR 7/12
5Y 8/11
5GY 7/9
5G 5.5/7
5BG 5/8
5B 4.5/6 5PB 4/10
5P 4/7
5RP 4.5/7
Red
Green
Blue
d
dia.
0
20
40
60
80
100
ASTM1.0
ASTM3.0
ASTM5.0
ASTM7.0
Red
Green
Blue
d=22 mm
dia.=7 mm
Reflective plate: Stainless steel 430
Detected object: ASTM reagent
0.0
0.1
0.2
0.3
0.4
0.5
0.6
020
40
60
80
Sensing distance (mm)
Red
Green
Blue
020
40
60
80
0
20
40
60
80
100
120
Sensing distance (mm)
Red
Green
Blue
0.0
0.1
0.2
0.3
0.4
0.5
-20
-10
0
10
20
Angle (deg.)
Red
Green
Blue
Inclination
(Sensing Distance = 40 mm)
-20
-10
0
10
20
0
20
40
60
80
100
120
Angle (deg.)
Red
Green
Blue
(Sensing Distance = 40 mm)
Inclination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com