Electronic Components Datasheet Search
  English  ▼

X  

AP22980 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated AP22980 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
6 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Switching Characteristics (TJ = -40°C to +105°C, VIN = 0.285V to 2.2V, VBIAS = 2.2V, CIN = 1µF, CL = 0.1µF, VEN = 2.2V and VSS =
Floating, typical values are at TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN = 1.8V, VEN = VBIAS = 2.2V, VSS = 3.3V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
35
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
1500
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
1535
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
4
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
6.0
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
10
—
µs
VIN = 1.8V, VEN = VBIAS = 2.2V, VSS = 0V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
35
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
3100
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
3135
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
4.0
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
5.5
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
9.5
—
µs
VIN = 1.8V, VEN = VBIAS = 2.2V, VSS = Floating, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
20
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
270
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
290
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
4.0
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
6.0
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
10
—
µs
VIN = 0.285V, VEN = VBIAS = 2.2V, VSS = 3.3V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
30
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
430
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
460
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
5.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
6.5
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
12.0
—
µs
VIN = 0.285V, VEN = VBIAS = 2.2V, VSS = 0V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
30
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
750
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
780
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
5.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
6.5
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
12.0
—
µs
VIN = 0.285V, VEN = VBIAS = 2.2V, VSS = Floating, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
20
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
70
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
90
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
5.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
6.5
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
12.0
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com