Electronic Components Datasheet Search
  English  ▼

X  

AP22980 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22980 Datasheet HTML 1Page - Diodes Incorporated AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
1 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
Description
The
DIODES™ AP22980 is a single channel high side power switch
with slew rate control, tri-state soft-start and active output discharge
path in compact size.
The AP22980 contains an N-channel MOSFET that supports 6A of
maximum continuous current and operates over an input range of
0.285V to 5.5V. The wide input voltage range and high current
capability enable the device to be used in various systems and
applications. The AP22980 has ultra-low ON-resistance of typical
5.1
mΩ, which can minimize the voltage drop and power loss.
Low quiescent supply current of typical 60µA makes it ideal for
system where standby power consumption is a concern.
The AP22980 offers multiple VOUT slew rates by tri-state logic input
of SS pin, which does not require external component.
The AP22980 has 50Ω on-chip resistor for quick output discharge
when switch is disabled to avoid unknown state caused by floating
condition to downstream load.
Over temperature protection circuitry is triggered if the junction
temperature exceeds +150°C, thereby protecting the AP22980 and
downstream circuit from potential damage.
The AP22980 is available in compact W-QFN1520-10 package.
Applications
Solid state drives (SSD)
Laptops, desktops
Tablet PCs
Servers
Pin Assignments
(Top View)
8
VBIAS
VIN
VOUT
9
7
2
3
4
6
10
5
VIN
VIN
SS
VOUT
VOUT
EN
GND
1
W-QFN1520-10
Features
Integrated Single Channel Load Switch
0.285V to VBIAS (up to 5.5V) Input Voltage Range
2.2V to 5.5V VBIAS Voltage Range
Low RON of Typ. 5.1mΩ (VBIAS = 5V)
6A Maximum Continuous Current
Low Quiescent Current of Typ. 60µA.
Tri-State Slew Rate Control at VIN = 3.3V
15mV/µs (VSS = Floating)
2mV/µs (VSS = HIGH)
1mV/µs (VSS = LOW)
Quick Output Discharge (QOD)
Low Voltage Logic Enable
1.2V/1.8V/2.5V/3.3V Logic Compatible
Active HIGH Operation
Thermal Shutdown
ESD Protection: 2kV of HBM and 1kV of CDM
Smaller Form Factor Package W-QFN1520-10
Totally Lead-Free & Fully RoHS Compliant (Notes 1&2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP22980

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CN4-7 DIODES-AP22908CN4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CNA4-7 DIODES-AP22908CNA4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908W6-7 DIODES-AP22908W6-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results

Similar Description - AP22980

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
logo
Anpec Electronics Corop...
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
logo
Omron Electronics LLC
G3JS403BLDC1224 OMRON-G3JS403BLDC1224 Datasheet
260Kb / 4P
Soft-start Solid State Contactors
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
High Input Voltage 6A PWM Converter With Adj. Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com