Electronic Components Datasheet Search
  English  ▼

X  

AP22980 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated AP22980 Datasheet HTML 10Page - Diodes Incorporated AP22980 Datasheet HTML 11Page - Diodes Incorporated AP22980 Datasheet HTML 12Page - Diodes Incorporated AP22980 Datasheet HTML 13Page - Diodes Incorporated AP22980 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
11 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Application Information
ENABLE/DISABLE CONTROL
The EN pin controls the state of the power switch. AP22980 is enabled when the EN pin is asserted high and the device is disabled when EN pin
is asserted low. The EN input is compatible with both TTL and CMOS logic. This pin cannot be left floating and must be tied either high or low for
proper functionality.
INPUT CAPACITOR
To limit the voltage drop on the input supply when the switch turns on into a discharged load capacitor resulting in a transient inrush current, a
capacitor needs to be placed between VIN and GND. Use 1
μF capacitor or a larger value for high-current applications. Place the capacitor close
to the VIN pins.
OUTPUT CAPACITOR
The recommended output capacitor value is 0.1
μF when switching lighter load. For heavier loads close to 6A, it is recommended that the VIN and
VOUT trace lengths need to be
a minimum. In addition, a bulk capacitor (≥ 10μF) may also be placed close to the VOUT pin. If using a bulk
capacitor on VOUT, it is important to control the inrush current by choosing an appropriate soft-start time in order to minimize the droop on the
input supply.
TRI-STATE SOFT-START TIME
Soft-start slew rate can be set by tri-state input with SS pin. The tri-state SS pin status is latched upon initial power up when VBIAS becomes valid
state and the first EN pin goes high, so it is recommended to set SS pin state prior to valid VBIAS and EN goes to HIGH. In order to avoid wrong
state detection, an external capacitor is not allowed and if using an external pull-up or pull-down resistor, it is recommended to use less than 10
kΩ
respectively. For floating state resistance between SS and GND, it
needs to be higher than 2MΩ. When Float state is desired, it is recommended
to use as minimum trace as possible (< 0.01in) to avoid noise coupling by adjacent signal and minimize parasitic capacitance. Please refer to PCB
Layout Example.
The input inrush current can be controlled by selecting appropriate soft-start time. The table below shows the slew rate on VOUT by VSS conditions
as follows.
VSS
Slew Rate
Unit
HIGH (> 1.05V)
2
mV/us
LOW (< 0.5V)
1
Floating (> 2
MΩ)
16.7
QUICK OUTPUT DISAHRGE (QOD)
The AP22980 includes a QOD (Quick Output Discharge) feature with typical 50
Ω of an internal discharge resistor. When the switch is disabled by
EN pin or switch is enabled and during ON delay time (tDON), an internal discharge resistor is connected between VOUT and GND to remove the
remaining charge from the output. Even if the switch is in OFF state without valid VBIAS, QOD stays working.
VBIAS
EN
QOD
Device
Invalid
Don’t Care
ON
OFF
Valid
LOW
ON
Disabled
LOW to HIGH
ON for tDON
Enabled and in soft-start
HIGH
OFF
Enabled
THERMAL CONSIDERATOIN
The maximum junction temperature should be restricted to +150°C under normal operating conditions. The maximum allowable power dissipation
PD(MAX) can be calculated as:
PD(MAX) = (TJ(MAX) - TA) / θJA
where,
TJ(MAX) is the maximum operating junction temperature. For AP22980, TJ(MAX) = +150°C.
TA is the ambient temperature of the device.
θJA is the junction-to-air thermal impedance.
BOARD LAYOUT
Good PCB layout is important for improving the thermal performance of the device. All trace lengths should be kept as short as possible. Place
input and output capacitors close to the device to minimize the effects of parasitic inductance. The input and output PCB traces should be as wide
as possible. SS pin must have minimum trace length (< 0.1in) for float pin configuration to avoid unexpected coupling from adjacent signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com