Electronic Components Datasheet Search
  English  ▼

X  

AS2376Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS2376Q
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AS2376Q Datasheet HTML 1Page - Diodes Incorporated AS2376Q Datasheet HTML 2Page - Diodes Incorporated AS2376Q Datasheet HTML 3Page - Diodes Incorporated AS2376Q Datasheet HTML 4Page - Diodes Incorporated AS2376Q Datasheet HTML 5Page - Diodes Incorporated AS2376Q Datasheet HTML 6Page - Diodes Incorporated AS2376Q Datasheet HTML 7Page - Diodes Incorporated AS2376Q Datasheet HTML 8Page - Diodes Incorporated AS2376Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS2376Q
Document number: DS45184 Rev. 1 - 2
4 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376Q
Electrical Characteristics (Limits in standard typeface are for T
A = +25°C, bold typeface applies over -40°C to +125°C (Note 9),
RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
(Note 10)
-
-
5
25
μV
Long-term stability (Note 11)
-
-
60
μV
Package level shift (Note 12)
-
-
320
μV
ΔV
OS/ΔT
Input offset voltage versus
temperature
TA = -40°C to +85°C
-
0.26
1.2
μV/°C
TA = -40°C to +125°C
-
0.32
2
μV/°C
PSRR
Input offset voltage versus
power supply
TA = 25°C, VS = 2.2V to 5.5 V, VCM < (V
+) – 1.3 V
-
5
20
μV/V
TA = -40°C to +125°C
-
5
-
μV/V
VS = 2.2 V to 5.5 V, VCM < (V
+) – 1.3 V
-
Channel separation, dc
-
0.5
-
mV/V
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
-
0.2
70
pA
TA = –40°C to +125°C
See Typical Characteristics
pA
IOS
Input offset current
-
0.2
70
pA
NOISE
-
-
Input voltage noise
f = 0.1 Hz to 10 Hz
-
0.8
-
μVPP
en
Input voltage noise
density
f = 1 kHz
-
9.5
-
nV/√Hz
In
Input current noise
f = 1 kHz
-
2
-
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
-
(V
–) – 0.1
-
(V
+) + 0.1
V
CMRR
Common-mode rejection
ratio
(V
–) < V
CM < (V
+) – 1.3 V
76
90
dB
INPUT CAPACITANCE
-
Differential
-
-
6.5
-
pF
-
Common-mode
-
-
13
-
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
50 mV < VO < (V
+) – 50 mV, R
L = 10 kΩ
120
134
-
dB
100 mV < VO < (V
+) – 100 mV, R
L = 2 kΩ
120
126
-
dB
FREQUENCY RESPONSE CL = 100 pF, VS = 5.5 V
GBW
Gain-bandwidth product
-
-
5.5
-
MHz
SR
Slew rate
G = 1
-
2
-
V/μs
tS
Settling time
Settling to 0.1%, 2-V step , G = 1
-
1.6
-
μs
Settling to 0.01%, 2-V step , G = 1
-
2
-
μs
-
Overload recovery time
VIN × gain > VS
-
0.33
-
μs
-
Overload recovery time
VIN × gain > VS
-
0.33
-
μs
Notes:
9. Limits over the full temperature are guaranteed by design, but not tested in production.
10. After mounted to PCB, Vos value will be different to spec, the delta value depend on PCB solder stress, the max value is between +/- 80uV, per our
experiment.
11. AS2376Q, the long-term stability is defined as MAX. VOS shift during life HTOL 1000 hours with TA=+125°C.(Tj=150°C) This Vos drift with time is not a
linear function of time, and the shift is greater initially and diminishes over time. This parameter is guaranteed by design.
12. After HTSL 2000 hours with TA=+150°C, the Vos drift test condition is TA=+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com