Electronic Components Datasheet Search
  English  ▼

X  

AS2376Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AS2376Q
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AS2376Q Datasheet HTML 3Page - Diodes Incorporated AS2376Q Datasheet HTML 4Page - Diodes Incorporated AS2376Q Datasheet HTML 5Page - Diodes Incorporated AS2376Q Datasheet HTML 6Page - Diodes Incorporated AS2376Q Datasheet HTML 7Page - Diodes Incorporated AS2376Q Datasheet HTML 8Page - Diodes Incorporated AS2376Q Datasheet HTML 9Page - Diodes Incorporated AS2376Q Datasheet HTML 10Page - Diodes Incorporated AS2376Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AS2376Q
Document number: DS45184 Rev. 1 - 2
7 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376Q
Performance Characteristics (continued)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
400
500
600
700
800
900
IQ
ISC+
Supply Voltage(V)
TA = 25C
0
10
20
30
40
50
Quiescent and Short-Circuit Crrent vs Supply Voltage
1k
10k
100k
1M
10M
0
1
2
3
4
5
6
Frequency(Hz)
VCC = 5V
Maximum Output Voltage vs Freuency
0
10
20
30
40
50
60
70
80
-3
-2
-1
0
1
2
3
-40
C
+25
C
+125
C
Output Current (mA)
Output Voltage vs Output Current
+150
C
-40
-20
0
20
40
60
80
100
120
140
-100
-75
-50
-25
0
25
50
75
ISC-
Temperature (C)
ISC+
Short-Circuit Current vs Temperature
10
100
1k
10k
100k
1M
10M
-20
0
20
40
60
80
100
120
Frequency (Hz)
Gain
Phase
0
20
40
60
80
100
120
140
160
180
Open-Loop Frequency Response
10
100
1k
10k
100k
1M
10M
-40
-30
-20
-10
0
10
20
30
40
50
60
70
Closed-Loop Frequency Response
Frequency(Hz)
Av = 1
Av = 10
Av = 100
Av = 1000
VCC = 2.5V
RL = 10k
CL = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com