Electronic Components Datasheet Search
  English  ▼

X  

AS2376Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AS2376Q
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AS2376Q Datasheet HTML 5Page - Diodes Incorporated AS2376Q Datasheet HTML 6Page - Diodes Incorporated AS2376Q Datasheet HTML 7Page - Diodes Incorporated AS2376Q Datasheet HTML 8Page - Diodes Incorporated AS2376Q Datasheet HTML 9Page - Diodes Incorporated AS2376Q Datasheet HTML 10Page - Diodes Incorporated AS2376Q Datasheet HTML 11Page - Diodes Incorporated AS2376Q Datasheet HTML 12Page - Diodes Incorporated AS2376Q Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AS2376Q
Document number: DS45184 Rev. 1 - 2
12 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Standard)
1
b
e
E
A2
A1
Ø
c
A3
h
D
E1
L
Seating Plane
Gauge Plane
OPTION A
(TOP VIEW)
OPTION B
(TOP VIEW)
A
SO-8 (Standard)
Dim
Min
Max
Typ
A
--
1.75
--
A1
0.10
0.25
--
A2
1.25
1.65
--
A3
0.50
0.70
--
b
0.30
0.51
--
c
0.15
0.25
--
D
4.80
5.00
--
E
5.80
6.20
6.00
E1
3.80
4.00
--
e
--
--
1.27
h
0.25
0.50
--
L
0.45
0.82
--
Ø
0°
8°
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Standard)
C
X
Y
Y1
X1
Dimensions Value (in mm)
C
1.27
X
0.802
X1
4.612
Y
1.505
Y1
6.50
Mechanical Data
Package Material: Molded Plastic, UL Flammability Rating 94V-0
Terminals: Finish - Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Max Soldering Temperature +260°C for 30 secs as per JEDEC J-STD-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com