Electronic Components Datasheet Search
  English  ▼

X  

AP61201 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 2Page - Diodes Incorporated AP61201 Datasheet HTML 3Page - Diodes Incorporated AP61201 Datasheet HTML 4Page - Diodes Incorporated AP61201 Datasheet HTML 5Page - Diodes Incorporated AP61201 Datasheet HTML 6Page - Diodes Incorporated AP61201 Datasheet HTML 7Page - Diodes Incorporated AP61201 Datasheet HTML 8Page - Diodes Incorporated AP61201 Datasheet HTML 9Page - Diodes Incorporated AP61201 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
6 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Typical Performance Characteristics (AP61200/AP61201/AP61202/AP61203 @ TA = +25°C, VIN = 5V, VOUT = 1.8V,
BOM = Table 1, unless otherwise specified.)
Figure 6. Power MOSFET RDS(ON) vs. Temperature
Figure 7. VFB vs. Temperature
Figure 8. ISHDN vs. Temperature
Figure 9. VIN Power-On Reset and UVLO vs. Temperature
60
70
80
90
100
110
120
130
140
150
160
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
High-Side MOSFET
Low-Side MOSFET
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0.625
0.630
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN Rising POR
VIN Falling UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com