Electronic Components Datasheet Search
  English  ▼

X  

AP61201 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated AP61201 Datasheet HTML 15Page - Diodes Incorporated AP61201 Datasheet HTML 16Page - Diodes Incorporated AP61201 Datasheet HTML 17Page - Diodes Incorporated AP61201 Datasheet HTML 18Page - Diodes Incorporated AP61201 Datasheet HTML 19Page - Diodes Incorporated AP61201 Datasheet HTML 20Page - Diodes Incorporated AP61201 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
17 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Application Information (continued)
11
Input Capacitor
The input capacitor reduces both the surge current drawn from the input supply as well as the switching noise from the device. The input capacitor
must sustain the ripple current produced during the on-time of Q1. It must have a low ESR to minimize power dissipation due to the RMS input
current.
The RMS current rating of the input capacitor is a critical parameter and must be higher than the RMS input current. As a rule of thumb, select an
input capacitor with a RMS current rating greater than half of the maximum load current.
Due to large dI/dt through the input capacitor, electrolytic or ceramic capacitors with low ESR should be used. If using a tantalum capacitor, it must
be surge protected or else capacitor failure could occur. Using a ceramic capacitor of 10µF or greater is sufficient for most applications.
12
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability, and reduces both the overshoots and undershoots of
the output voltage during load transients. During the first few microseconds of an increasing load transient, the converter recognizes the change
from steady-state and sets the off-time to minimum to supply more current to the load. However, the inductor limits the change to increasing
current depending on its inductance. Therefore, the output capacitor supplies the difference in current to the load during this time. Likewise, during
the first few microseconds of a decreasing load transient, the converter recognizes the change from steady-state and increases the off-time to
reduce the current supplied to the load. However, the inductor limits the change in decreasing current as well. Therefore, the output capacitor
absorbs the excess current from the inductor during this time.
The effective output capacitance, COUT, requirements can be calculated from the equations below.
The ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated by:
������������������������������������������������������������ = ∆������������ ∙ (������������������ +
������
������ ∙ ������������������ ∙ ������������������������
)
Eq. 8
An output capacitor with large capacitance and low ESR is the best option. For most applications, a 10µF to 22µF ceramic capacitor is sufficient.
To meet the load transient requirements, the calculated COUT should satisfy the following inequality:
������������������������ > ������������������ (
������ ∙ ������������������������������������
������
∆������������������������������������������������������������ ∙ ������������������������
,
������ ∙ ������������������������������������
������
∆������������������������������������������������������������������ ∙ (������������������ − ������������������������)
)
Eq. 9
Where:
ITrans is the load transient
∆VOvershoot is the maximum output overshoot voltage
∆VUndershoot is the maximum output undershoot voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com