Electronic Components Datasheet Search
  English  ▼

X  

XD1002 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC Distributed Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 1 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Broadband
’s 0.05-50.0 GHz GaAs MMIC
distributed amplifier has a small signal gain of 9.0 dB
with a noise figure of 5.0 dB across the band. The
device also includes 15.0 dB gain control and a +9.0
dBm P1dB compression point. This MMIC uses Mimix
Broadband
’s 0.15 µm GaAs PHEMT device model
technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy
or eutectic solder die attach process. This device is well
suited for microwave, millimeter-wave, wideband
military, and fiber optic applications.
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
Absolute Maximum Ratings
Page 1 of 6
Features
Wide Band Driver Amplifier
9.0 dB Small Signal Gain
5.0 dB Noise Figure
15.0 dB Gain Control
+9.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+10.0 VDC
150 mA
+0.3 VDC
+18 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(2) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
2
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness (
ΔS21)
Gain Control
Reverse Isolation (S12)
Noise Figure (NF)
Output Power for 1 dB Compression (P1dB)
Drain Bias Voltage (Vd)
Gain Control Bias (Vg1)
Gate Bias Voltage (Vg2)
Supply Current (Id) (Vd=8.5V, Vg1=0.0V, Vg2=1.0V Typical)
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dB
dBm
VDC
VDC
VDC
mA
Min.
0.05
-
-
-
-
-
-
-
-
-
-2.0
-
-
Typ.
-
14.0
14.0
9.0
+/-1.5
15.0
40.0
5.0
+9.0
+8.5
0.0
+1.0
120
Max.
50.0
-
-
-
-
-
-
-
-
+9.0
0.1
-
140
(1) Measured using constant current.
1
2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
D1002
August 2005 - Rev 04-Aug-05


Similar Part No. - XD1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
1Mb / 7P
0.05-50.0 GHz GaAs MMIC
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Mimix Broadband
XD1002-BD-000V MIMIX-XD1002-BD-000V Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD-EV1 MIMIX-XD1002-BD-EV1 Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
More results

Similar Description - XD1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
18.0-50.0 GHz GaAs MMIC
XD1002 MIMIX-XD1002_10 Datasheet
1Mb / 7P
0.05-50.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com