Electronic Components Datasheet Search
  English  ▼

X  

XD1002 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC Distributed Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 5 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Device Schematic
App Note [1] Biasing - As shown in the bonding diagram, this device is operated with a single drain and gate
voltage and it also includes a separate gain control voltage. Maximum gain bias is nominally Vd=8.5V, Vg1=0.0V,
Vg2=1.0V, and Id=120mA. Gain can be adjusted by changing Vg1. It is recommended to use active biasing to keep the
currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the
supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power
operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the
pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed to do this
is 0.0V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the
applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement - Each DC pad (Vd and Vg1,2) need to have DC bypass capacitance (~100-200 pF) as
close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
D1002
MTTF Table (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd=8.5V, Id=120 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
August 2005 - Rev 04-Aug-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com