Electronic Components Datasheet Search
  English  ▼

X  

AXGD10402 Datasheet(PDF) 3 Page - Littelfuse

Part # AXGD10402
Description  Surface Mount Polymeric Electrostatic Discharge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AXGD10402 Datasheet(HTML) 3 Page - Littelfuse

  AXGD10402 Datasheet HTML 1Page - Littelfuse AXGD10402 Datasheet HTML 2Page - Littelfuse AXGD10402 Datasheet HTML 3Page - Littelfuse AXGD10402 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Xtreme-Guard™ ESD Suppressors
Surface Mount Polymeric Electrostatic Discharge Suppressors
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/21/20
Environmental Specifications
AEC-Q200
AEC-Q200 RevD Table 10
Operating and Storage
Temperature
-65°C to +125°C
Moisture Resistance
0402 and 0603 series:
85°C, 85% RH, 1000 hours 40°C, 95%
RH, 1000 hours
Thermal Shock
MIL-STD-202, Method 107,
-65°C to 125°C, 30 min. cycle, 10 cycles
Vibration
MIL-STD-202, Method 201, (10 to 55 to
10 Hz, 1 min. cycle, 2 hrs each in X-Y-Z)
Chemical Resistance
MIL-STD-202, Method 215
Physical Specifications
Materials
Body: Glass Epoxy
Terminations: Copper/Nickel/Tin
Solderability
MIL-STD-202, Method 208
Soldering
Parameters
Wave solder - 260°C, 10 seconds maximum Reflow
solder - 260°C, 30 seconds maximum
Design Consideration
Because of the fast rise-time of the ESD transient, proper
placement of XTREME-GUARD™ suppressors are a key
design consideration to achieving optimal ESD suppression.
The components should be placed on the circuit board as
close to the source of the ESD transient as possible. Install
XTREME-GUARD™ suppressors (connected from signal/
data line to ground) directly behind the connector so that they
are the first board-level circuit component encountered by the
ESD transient.
Caution: This device should not be used in Power Bus
applications.
Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-dow
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 seconds
Average ramp up rate (Liquidus Temp (T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260°C
Time within 5°C of actual peak Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes max
Based on IPC/JEDEC J-STD-020
Packaging
Part Number
Quantity & Packaging Code
Quantity
Packaging Option
Packaging Specification
AXGD10402
KR
10000
Tape & Reel (7” reel)
EIA RS-481-1 (IEC 286, part 3)
AXGD10603
MR
1000
Tape & Reel (7” reel)
EIA RS-481-1 (IEC 286, part 3)
AXGD10603
NR
5000
Tape & Reel (7” reel)
EIA RS-481-1 (IEC 286, part 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com