Electronic Components Datasheet Search
  English  ▼

X  

AXGD10402 Datasheet(PDF) 4 Page - Littelfuse

Part # AXGD10402
Description  Surface Mount Polymeric Electrostatic Discharge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AXGD10402 Datasheet(HTML) 4 Page - Littelfuse

  AXGD10402 Datasheet HTML 1Page - Littelfuse AXGD10402 Datasheet HTML 2Page - Littelfuse AXGD10402 Datasheet HTML 3Page - Littelfuse AXGD10402 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Xtreme-Guard™ ESD Suppressors
Surface Mount Polymeric Electrostatic Discharge Suppressors
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/21/20
Typical Test Setup
AGILENT INFINIIUM
1.5 GHz 8 GS/s
30dB PASTERNAK ATTENUATOR
PE7025-30
TEKTRONIX LOW CAP PROBE
6158 (20x TIP)
RESISTANCE
TEST FIXTURE
QUADTECH 1865
RESISTANCE METER
COMPUTER
FARADAY CAGE
ESD PULSE GENERATOR
TEST BOARD W/ DUT
ESD TEST FIXTURE
Tape and Reel Specifications
Description
0402 Series
(mm)
0603 Series
(mm)
C
t - Cover tape thickness
0.05
0.05
D
d - Drive hole diameter
1.50
1.50
D
s - Drive hole spacing
4.00
4.00
P
d - Pocket depth
0.56
0.58
P
h - Pocket height
1.14
1.85
P
s - Pocket spacing
2.00
4.00
P
w - Pocket width
0.62
1.02
T
t - Carrier tape thickness
0.65
0.65
T
w - Carrier tape width
8.00
8.00
T
w
D
s
P
h
P
d
D
d
C
t
P
s
P
w
T
t
Part Numbering System
AXGD 1 0603 NR
Quantity &
Packaging Code:
MR = 1000 pieces, tape & reel
NR = 5000 pieces, tape & reel
KR = 10,000 pieces, tape & reel
Lines Protected:
1 = 1 line
Device Size Code:
0402 = 0402 (1005)
0603 = 0603 (1608)
Lead-Free
Auto Grade
Xtreme Guard™
ESD Suppressors
Dimensions
0402 Component
0603 Component
Reflow Solder Only
Recommended Pad Layout
1.55
(0.061")
.584 (0.023")
0.381 (0.015")
0.559 (0.022")
1.02 ± 0.05
(0.040" ± 0.002")
0.51 ± 0.05
(0.020" ± 0.002")
0.46 ± 0.05
(0.018" ± 0.002")
0.23 ± 0.10
(0.009" ± 0.004")
Reference Dimensions:
Dimensions: mm (inch)
Dimensions: mm (inch)
Reflow Solder
Wave Solder
0.76 (0.030")
3.30
(0.130")
3.05
(0.120")
0.51 (0.020")
0.76 (0.030")
0.76 (0.030")
1.27 (0.050")
1.27 (0.050")
Reflow Solder Only
Recommended Pad Layout
1.55
(0.061")
.584 (0.023")
0.381 (0.015")
0.559 (0.022")
1.68 ± 0.08
(0.066" ± 0.003")
0.84 ± 0.05
(0.033" ± 0.002")
0.46 ± 0.05
(0.018" ± 0.002")
0.43 ± 0.18
(0.017" ± 0.007")
Reference Dimensions:
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com