Electronic Components Datasheet Search
  English  ▼

X  

AXGD10402 Datasheet(PDF) 1 Page - Littelfuse

Part # AXGD10402
Description  Surface Mount Polymeric Electrostatic Discharge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AXGD10402 Datasheet(HTML) 1 Page - Littelfuse

  AXGD10402 Datasheet HTML 1Page - Littelfuse AXGD10402 Datasheet HTML 2Page - Littelfuse AXGD10402 Datasheet HTML 3Page - Littelfuse AXGD10402 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Xtreme-Guard™ ESD Suppressors
Surface Mount Polymeric Electrostatic Discharge Suppressors
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/21/20
XTREME-GUARDTM ESD Suppressors protect sensitive
electronic equipment against extreme ESD conditions, in
very small 0402 and 0603 footprints. This product series is
specifically designed to suppress fast-rising ESD transients
up to 30kV while adding virtually no capacitance to the
circuit, which helps preserve signal integrity and minimize
data loss. It is RoHS compliant, halogen free and Pb free
ESD Suppressor.
Description
Features
Applications
• Infotainment
• High Speed Interface
• High Frequency (i.e. RF,
Antenna System, Ethernet,
USB, DVI, LVDS)
• Satellite Navigation
• GPS Tracker
• Car TV
• Telematics Box
• IVN (In Vehicle
Navigation)
• Portable Navigation
• AEC-Q200 Qualified
• High ESD Rating up to
30kV Contact/Air
Discharge
• RoHS compliant, lead-free
and halogen-free
• Ultra-low capacitance
• Low leakage current
• Fast response time
• Bi-directional
• Withstands multiple
ESD strikes
• Compatible with
pick-and-place processes
• Available in 1000, 5000,
and 10000 piece reels
(EIA-RS481)
• High rated voltage up to
32V maximum
• High operating
temperature at 125ºC
Equivalent Circuits
Reflow Solder
Wave Solder
1.27 (0.050")
0.76 (0.030")
3.30
(0.130")
3.05
(0.120")
1.27 (0.050")
0.51 (0.020")
0.76 (0.030")
0.76 (0.030")
1.66 +/- 0.06
(0.066" +/- 0.003”)
0.15 +/- 0.08
(0.006" +/- 0.003”)
0.84 +/- 0.05
(0.033" +/- 0.002”)
0.36 (0.014")
1.04
(0.041") REF
0.43 +/- 0.18
(0.017" +/- 0.007”)
Equivalent Circuit
Reference Dimensions:
2
1
Product Characteristics
Part
Number
Lines
Protected
Component
Package
Available as
Halogen-Free
AXGD10402
1
0402
Yes
AXGD10603
1
0603
Yes
Electrical Characteristics
Specification
AXGD10402
AXGD10603
Notes
ESD Capability:
IEC 61000-4-2 Contact Discharge (typical)
IEC 61000-4-2 Air Discharge (typical)
30kV
30kV
30kV
30kV
The ESD capability measured by direct and air discharge method is
subject to testing equipment and conditions. Numerous factors could
affect the reliability and reproducibility of the direct and air discharge
test results.
Trigger Voltage (typical)
Clamping Voltage (typical)
250V
40V
400V
40V
Measured per IEC 61000-4-2
8kV Direct Discharge Method
Trigger Voltage (typical)
Clamping Voltage (typical)
150V
40V
300V
28V
Measured using 500V TLP Direct Discharge Method
Rated Voltage (maximum)
24V max
32V max
Capacitance (typical)
0.04 pF
0.09 pF
Measured at 250MHz
Response Time
<1nS
<1nS
Leakage Current (typical)
<1nA @24V
<1nA @24V
ESD Pulse Withstand
1000
pulses min
1000
pulses min
Some shifting in characteristics may occur when tested over multiple
pulses at a very rapid rate
AXGD1 Series
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life
saving applications unless otherwise expressly indicated.
Note: Testing performed on Littelfuse test setup as described in Typical Test Setup Section on page 4 of this document.
0402 and 0603 Components


Similar Part No. - AXGD10402

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG110144 PANASONIC-AXG110144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG112144 PANASONIC-AXG112144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG112224 PANASONIC-AXG112224 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG116144 PANASONIC-AXG116144 Datasheet
510Kb / 13P
Automation Controls Catalog
More results

Similar Description - AXGD10402

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
Surface Mount Polymeric ESD Suppressors
PGB1010603MRHF LITTELFUSE-PGB1010603MRHF Datasheet
239Kb / 4P
PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
XGD10603NR LITTELFUSE-XGD10603NR Datasheet
1Mb / 4P
Surface Mount Polymeric Electrostatic Discharge Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
Surface Mount Polymeric ESD Suppressor
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
Littelfuse
XGD10402 LITTELFUSE-XGD10402 Datasheet
1Mb / 4P
Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com